Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SA1980 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # 2SA1980
Description  PNP Plastic Encapsulated Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

2SA1980 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  2SA1980 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH 2SA1980 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
2SA1980
-150 mA, -50 V
PNP Plastic Encapsulated Transistor
14-Jan-2011 Rev. B
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
A
C
E
K
F
D
B
G
H
J
3Base
1
Emitter
Collector
2
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Low collector saturation voltage: VCE(sat) =-0.3V(Max.)
Low output capacitance : Cob=4pF (Typ.)
Complements of the 2SC5343
CLASSIFICATION OF hFE
Product-Rank
2SA1980-O
2SA1980-Y
2SA1980-G
2SA1980-L
Range
70~140
120~240
200~400
300~700
ABSOLUTE MAXIMUM RATINGS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Rating
Unit
Collector to Base Voltage
VCBO
-50
V
Collector to Emitter Voltage
VCEO
-50
V
Emitter to Base Voltage
VEBO
-5
V
Collector Current - Continuous
IC
-150
mA
Collector Power Dissipation
PC
625
mW
Junction, Storage Temperature
TJ, TSTG
150, -55~150
°C
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Collector to Base Breakdown Voltage
V(BR)CBO
-50
-
-
V
IC=-100µA, IE=0
Collector to Emitter Breakdown Voltage
V(BR)CEO
-50
-
-
V
IC=-10mA, IB=0
Emitter to Base Breakdown Voltage
V(BR)EBO
-5
-
-
V
IE=-10µA, IC=0
Collector Cut-Off Current
ICBO
-
-
-0.1
µA
VCB=-50 V, IE=0
Collector Cut-Off Current
ICEO
-
-
-0.1
µA
VEB=-5 V, IC=0
DC Current Gain
hFE
70
-
700
VCE=-6V, IC=-2mA
Collector to Emitter Saturation Voltage
VCE(sat)
-
-
-0.30
V
IC=-100mA, IB=-10mA
Transition Frequency
fT
80
-
-
MHz
VCE=-10V, IC =-1mA
Collector Output Capacitance
Cob
-
4
7
pF
VCB=-10V, IE=0, f=1MHz
Noise Figure
NF
-
-
10
dB
VCE=-6V, IC=-0.1mA, f=1KHz,
RS=10K
TO-92
Millimeter
REF.
Min.
Max.
A
4.40
4.70
B
4.30
4.70
C
12.70
-
D
3.30
3.81
E
0.36
0.56
F
0.36
0.51
G
1.27 TYP.
H
1.10
-
J
2.42
2.66
K
0.36
0.76
1
1
1
1 Emitter
2
2
2
2 Collector
3
3
3
3 Base


Similar Part No. - 2SA1980

ManufacturerPart #DatasheetDescription
logo
AUK corp
2SA1980 AUK-2SA1980 Datasheet
232Kb / 4P
PNP Silicon Transistor (General small signal amplifier)
logo
KODENSHI_AUK CORP.
2SA1980 KODENSHI-2SA1980 Datasheet
238Kb / 4P
General small signal amplifier
logo
Foshan Blue Rocket Elec...
2SA1980 FOSHAN-2SA1980 Datasheet
966Kb / 6P
Silicon PNP transistor in a TO-92 Plastic Package
logo
Jiangsu Changjiang Elec...
2SA1980 JIANGSU-2SA1980 Datasheet
399Kb / 3P
TO-92 Plastic-Encapsulate Transistors
logo
SHENZHEN KOO CHIN ELECT...
2SA1980 KOOCHIN-2SA1980 Datasheet
262Kb / 2P
TRANSISTOR (PNP)
More results

Similar Description - 2SA1980

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
2SA733 SECOS-2SA733 Datasheet
284Kb / 2P
PNP Plastic Encapsulated Transistor
2SA1013 SECOS-2SA1013 Datasheet
375Kb / 2P
PNP Plastic Encapsulated Transistor
2N4402 SECOS-2N4402 Datasheet
109Kb / 1P
PNP Plastic Encapsulated Transistor
2SA733 SECOS-2SA733_11 Datasheet
420Kb / 2P
PNP Plastic Encapsulated Transistor
2SA844 SECOS-2SA844 Datasheet
83Kb / 1P
PNP Plastic Encapsulated Transistor
2SA1300 SECOS-2SA1300 Datasheet
401Kb / 2P
PNP Plastic Encapsulated Transistor
2SB1068 SECOS-2SB1068 Datasheet
84Kb / 1P
PNP Plastic Encapsulated Transistor
A1015 SECOS-A1015 Datasheet
449Kb / 2P
PNP Plastic-Encapsulated Transistor
2SB1184 SECOS-2SB1184 Datasheet
76Kb / 1P
PNP Plastic Encapsulated Transistor
KSA539 SECOS-KSA539 Datasheet
71Kb / 1P
PNP Plastic Encapsulated Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com