Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE4253GS Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # TLE4253GS
Description  Low Dropout Voltage Tracking Regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4253GS Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button TLE4253GS Datasheet HTML 9Page - Infineon Technologies AG TLE4253GS Datasheet HTML 10Page - Infineon Technologies AG TLE4253GS Datasheet HTML 11Page - Infineon Technologies AG TLE4253GS Datasheet HTML 12Page - Infineon Technologies AG TLE4253GS Datasheet HTML 13Page - Infineon Technologies AG TLE4253GS Datasheet HTML 14Page - Infineon Technologies AG TLE4253GS Datasheet HTML 15Page - Infineon Technologies AG TLE4253GS Datasheet HTML 16Page - Infineon Technologies AG TLE4253GS Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
Data Sheet
13
Rev. 1.2, 2009-11-09
TLE4253
Electrical Characteristics
5.2
Current Consumption
Table 2
Electrical Characteristics Current Consumption
V
I = 13.5 V; VADJ/EN ≥ 2.0 V; VFB = VQ; -40 °C ≤ Tj ≤ 150 °C;
all voltages with respect to ground (unless otherwise specified).
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Typ.
Max.
5.2.1
Quiescent Current
Stand-by Mode
I
q1
–02
µA
V
Q = 0 V;
V
ADJ/EN ≤ 0.4 V;
T
j ≤ 85 °C
5.2.2
Current Consumption
I
q = II - IQ
I
q2
–
120
150
µA
I
Q ≤ 100 µA;
V
ADJ/EN = 5 V;
T
j ≤ 85 °C
5.2.3
–
7
15
mA
I
Q ≤ 200 mA;
V
ADJ/EN = 5 V
5.2.4
Current Consumption
Dropout Region;
I
q = II - IQ
I
q3
–13
mA
V
ADJ = VI = 5 V;
I
Q = 0 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com