Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE4279G Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # TLE4279G
Description  5-V Low Drop Fixed Voltage Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4279G Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button TLE4279G Datasheet HTML 5Page - Infineon Technologies AG TLE4279G Datasheet HTML 6Page - Infineon Technologies AG TLE4279G Datasheet HTML 7Page - Infineon Technologies AG TLE4279G Datasheet HTML 8Page - Infineon Technologies AG TLE4279G Datasheet HTML 9Page - Infineon Technologies AG TLE4279G Datasheet HTML 10Page - Infineon Technologies AG TLE4279G Datasheet HTML 11Page - Infineon Technologies AG TLE4279G Datasheet HTML 12Page - Infineon Technologies AG TLE4279G Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
TLE 4279
Data Sheet
9
Rev. 2.4, 2007-03-20
Input Voltage Sense
Sense threshold high
V
SI, high
1.24
1.31
1.38
V
–
Sense threshold low
V
SI, low
1.16
1.20
1.28
V
–
Sense output low
voltage
V
SO, low
–0.1
0.4
V
V
SI < 1.20 V;
V
Q > 3 V;
R
extern = 20 kΩ
Sense input current
I
SI
-
10.1
1
µA–
1) Drop voltage =
V
I - VQ (measured when the output voltage has dropped 100 mV from the nominal value
obtained at 13.5 V input.)
Table 4
Characteristics (cont’d)
V
I = 13.5 V; Tj = -40 °C < Tj < 125 °C
Parameter
Symbol
Limit Values
Unit
Measuring
Condition
Min.
Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com