Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE4906-2K Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # TLE4906-2K
Description  High Precision Hall-Effect Switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4906-2K Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button TLE4906-2K Datasheet HTML 6Page - Infineon Technologies AG TLE4906-2K Datasheet HTML 7Page - Infineon Technologies AG TLE4906-2K Datasheet HTML 8Page - Infineon Technologies AG TLE4906-2K Datasheet HTML 9Page - Infineon Technologies AG TLE4906-2K Datasheet HTML 10Page - Infineon Technologies AG TLE4906-2K Datasheet HTML 11Page - Infineon Technologies AG TLE4906-2K Datasheet HTML 12Page - Infineon Technologies AG TLE4906-2K Datasheet HTML 13Page - Infineon Technologies AG TLE4906-2K Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Datasheet
8
Rev 1.0, 2010-12
TLE4906-2K
Specification
3
Specification
3.1
Absolute Maximum Ratings
Note: Stresses above the max. values listed here may cause permanent damage to the device. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability. Maximum ratings are
absolute ratings; exceeding only one of these values may cause irreversible damage to the integrated circuit.
Table 2
Absolute Maximum Rating Parameters
Tj = -40°C to 150°C
Parameter
Symbol
Limit Values
Unit
Note / Test Condition
Min.
Max.
Supply voltage
VDD
VS
VS
-18
-18
-18
18
24
26
V
for 1h, RS ≥ 200Ω
for 5min, RS ≥ 200Ω
Supply current through
protection device
IDD
-50
50
mA
Output voltage
VQ
-0.7
-0.7
18
26
V
for 5min @ 1.2k
Ω pull up
Continuous output current
IQ
-50
50
mA
Junction temperature
Tj
–
–
–
–
155
165
175
195
°C
for 2000h (not additive)
for 1000h (not additive)
for 168h (not additive)
for 3 x 1h (additive)
Storage temperature
TS
-40
150
°C
Magnetic flux density
B
–
unlimited mT
Table 3
ESD Protection1)
1) Human Body Model (HBM) tests according to: EOS/ESD Association Standard S5.1-1993 and Mil. Std. 883D method
3015.7
Parameter
Symbol
Limit Values
Unit
Note / Test Condition
Min.
Max.
ESD Voltage
VESD
±4
kV
HBM, R = 1.5k
Ω,
C = 100pF
TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com