Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE4917 Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # TLE4917
Description  Low Power Hall Switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4917 Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button TLE4917_06 Datasheet HTML 4Page - Infineon Technologies AG TLE4917_06 Datasheet HTML 5Page - Infineon Technologies AG TLE4917_06 Datasheet HTML 6Page - Infineon Technologies AG TLE4917_06 Datasheet HTML 7Page - Infineon Technologies AG TLE4917_06 Datasheet HTML 8Page - Infineon Technologies AG TLE4917_06 Datasheet HTML 9Page - Infineon Technologies AG TLE4917_06 Datasheet HTML 10Page - Infineon Technologies AG TLE4917_06 Datasheet HTML 11Page - Infineon Technologies AG TLE4917_06 Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Data Sheet
8
All curves reflect typical values at the given parameters for TA in °C and VS in V.
Magnetic Switching Points versus
Magnetic Switching Points versus
Temperature (VS=2.7V)
Supply Voltage VS (TA=20°C)
(PRG Pin Connected to VS))
(PRG Pin Connected to VS))
-40
-20
0
20
40
60
80
100
-6
-4
-2
0
2
4
6
B[mT]
T [°C]
B OPS
RPS
B
BRPN
OPN
B
2.5
3
3.5
4
4.5
5
5.5
6
-6
-4
-2
0
2
4
6
B[mT]
S
U [V]
BOPS
RPS
B
BRPN
OPN
B
Supply current ISOPAVG during Operating
Supply current ISOPAVG during Operating
Time versus Temperature (VS=2.7V)
Time versus Supply Voltage VS (TA=20°C)
-40
-20
0
20
40
60
80
100
0.5
1
1.5
2
2.5
I [mA]
T [°C]
SOPA V G
I
2.5
3
3.5
4
4.5
5
5.5
6
0
0.5
1
1.5
2
2.5
I [mA]
S
V [V]
SOPAVG
I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com