Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE4997 Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # TLE4997
Description  Programmable Linear Hall Sensor
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4997 Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button TLE4997 Datasheet HTML 9Page - Infineon Technologies AG TLE4997 Datasheet HTML 10Page - Infineon Technologies AG TLE4997 Datasheet HTML 11Page - Infineon Technologies AG TLE4997 Datasheet HTML 12Page - Infineon Technologies AG TLE4997 Datasheet HTML 13Page - Infineon Technologies AG TLE4997 Datasheet HTML 14Page - Infineon Technologies AG TLE4997 Datasheet HTML 15Page - Infineon Technologies AG TLE4997 Datasheet HTML 16Page - Infineon Technologies AG TLE4997 Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
TLE4997
Operating Range
Data Sheet
13
V 2.08, 2008-09
4
Operating Range
The following operating conditions must not be exceeded in order to ensure correct
operation of the TLE4997. All parameters specified in the following sections of this
document refer to these operating conditions, unless otherwise indicated.
Table 3
Operating Range
Parameter
Symbol Limit Values
Unit
Notes
min.
max.
Supply voltage
VDD
4.5
5.5
V
4
7
V
Extended range 1)
1) For reduced output accuracy.
Output current
IOUT
-1
1
mA
2)
2) For V
OUT within the range of 5% ... 95% of VDD.
Load resistance
RL
10
10
-
-
k
Ω
Pull-down to GND
Pull-up to
VDD
Load capacitance
CL
0
210
nF
Junction temperature 3)
3) R
THja ≤ 150 K/W.
TJ
-40
125
150
°C
For 5000h
For 1000h4) 5)
4) For reduced magnetic accuracy.
5) Not additive.
Note: Keeping signal levels within the limits specified in this table ensures operation
without overload conditions.
Useful lifetime
tLive
-
16
years
_TLE4997x_Data_Sheet.book Page 13 Wednesday, October 1, 2008 5:08 PM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com