Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE4998P3 Datasheet(PDF) 12 Page - Infineon Technologies AG

Part # TLE4998P3
Description  Programmable Linear Hall Sensor
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4998P3 Datasheet(HTML) 12 Page - Infineon Technologies AG

Back Button TLE4998P3 Datasheet HTML 8Page - Infineon Technologies AG TLE4998P3 Datasheet HTML 9Page - Infineon Technologies AG TLE4998P3 Datasheet HTML 10Page - Infineon Technologies AG TLE4998P3 Datasheet HTML 11Page - Infineon Technologies AG TLE4998P3 Datasheet HTML 12Page - Infineon Technologies AG TLE4998P3 Datasheet HTML 13Page - Infineon Technologies AG TLE4998P3 Datasheet HTML 14Page - Infineon Technologies AG TLE4998P3 Datasheet HTML 15Page - Infineon Technologies AG TLE4998P3 Datasheet HTML 16Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 34 page
background image
TLE4998P
Operating Range
Data Sheet
12
V 1.0, 2008-07
4
Operating Range
The following operating conditions must not be exceeded in order to ensure correct
operation of the TLE4998P. All parameters specified in the following sections refer to
these operating conditions, unless otherwise indicated.
Table 4
Operating Range
Parameter
Symbol Limit Values
Unit
Notes
min.
max.
Supply voltage
VDD
4.5
5.5
V
4.11)
1) For reduced output accuracy
162)
2) For supply voltages > 12V, a series resistance R
series ≥ 100Ω is recommended
V
Extended Range
Output pull-up voltage3)
3) Required output protocol characteristics depend on these parameters, R
L must be according to max. output
current
OUT
-
18
V
Load resistance3)
RL
1
-
k
Ω
Output current3)
IOUT
0
5
mA
Load capacitance3)
CL
1
8
nF
Junction temperature
TJ
- 40
125
1504)
4) For reduced magnetic accuracy; extended limits are taken for characteristics
Note: Keeping signal levels within the limits specified in this table ensures operation
without overload conditions.
°C
for 5000 h
for 1000 h not additive



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com