Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE5206-2G Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # TLE5206-2G
Description  5-A H-Bridge for DC-Motor Applications
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE5206-2G Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button TLE5206-2G Datasheet HTML 3Page - Infineon Technologies AG TLE5206-2G Datasheet HTML 4Page - Infineon Technologies AG TLE5206-2G Datasheet HTML 5Page - Infineon Technologies AG TLE5206-2G Datasheet HTML 6Page - Infineon Technologies AG TLE5206-2G Datasheet HTML 7Page - Infineon Technologies AG TLE5206-2G Datasheet HTML 8Page - Infineon Technologies AG TLE5206-2G Datasheet HTML 9Page - Infineon Technologies AG TLE5206-2G Datasheet HTML 10Page - Infineon Technologies AG TLE5206-2G Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
TLE 5206-2
Diagnosis
Data Sheet
7
Rev.1.1, 2007-07-31
2
Diagnosis
Various errors as listed in the table “Diagnosis” are detected. Short circuits and overload
result in turning off the output stages after a delay
t
dSD and setting the error flag
simultaneously [EF = L]. Changing the inputs to a state where the fault is not detectable
resets the error flag (input toggling) with the exception of short circuit from OUT1 to
OUT2 (load short circuit).
Flag
IN1 IN2 OUT1 OUT2 EF Remarks
Short circuit from OUT1 to OUT2
0
0
1
1
0
1
0
1
L
X
X
H
L
X
X
H
1
0
0
1
Not detectable
Not detectable
Short circuit from OUT1 to GND
0
0
1
1
0
1
0
1
GND
GND
GND
GND
L
X
L
X
1
1
0
0
Not detectable
Not detectable
Short circuit from OUT2 to GND
0
0
1
1
0
1
0
1
L
L
X
X
GND
GND
GND
GND
1
0
1
0
Not detectable
Not detectable
Short circuit from OUT1 to
V
S
0
0
1
1
0
1
0
1
V
S
V
S
V
S
V
S
X
H
X
H
0
0
1
1
Not detectable
Not detectable
Short circuit from OUT2 to
V
S
0
0
1
1
0
1
0
1
X
X
H
H
V
S
V
S
V
S
V
S
0
1
0
1
Not detectable
Not detectable
Overtemperature or undervoltage
0
0
1
1
0
1
0
1
Z
Z
Z
Z
Z
Z
Z
Z
0
0
0
0
IN:
0 = Logic LOW
OUT:
Z = Output in tristate condition
EF:
1 = No error
1 = Logic HIGH
L = Output in sink condition
0 = Error
H = Output in source condition
X = Voltage level undefined
For Open circuit detection, use the TLE 5205-2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com