Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE6220GP Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # TLE6220GP
Description  Smart Quad Low-Side Switch
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6220GP Datasheet(HTML) 4 Page - Infineon Technologies AG

  TLE6220GP_09 Datasheet HTML 1Page - Infineon Technologies AG TLE6220GP_09 Datasheet HTML 2Page - Infineon Technologies AG TLE6220GP_09 Datasheet HTML 3Page - Infineon Technologies AG TLE6220GP_09 Datasheet HTML 4Page - Infineon Technologies AG TLE6220GP_09 Datasheet HTML 5Page - Infineon Technologies AG TLE6220GP_09 Datasheet HTML 6Page - Infineon Technologies AG TLE6220GP_09 Datasheet HTML 7Page - Infineon Technologies AG TLE6220GP_09 Datasheet HTML 8Page - Infineon Technologies AG TLE6220GP_09 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Data Sheet TLE 6220 GP
V2.2
Page
2009-11-18
4
Electrical Characteristics
Parameter and Conditions
Symbol
Values
Unit
VS = 4.5 to 5.5 V ; Tj = - 40 °C to + 150 °C ; Reset = H
(unless otherwise specified)
min
typ
max
1. Power Supply, Reset
Supply Voltage
4
VS
4.5
--
5.5
V
Supply Current
5
IS
--
1
2
mA
Minimum Reset Duration
(After a reset all parallel inputs are ORed with the SPI
data bits)
tReset,min
10
µs
2. Power Outputs
ON Resistance VS = 5 V; ID = 1 A
TJ = 25°C
TJ = 150°C
RDS(ON)
--
--
0.32
--
0.4
0.7
Ω
Output Clamping Voltage
output OFF
VDS(AZ)
45
53
60
V
Current Limit
ID(lim)
3
4.5
6
A
Output Leakage Current
VRESET = L
ID(lkg)
--
--
10
µA
Turn-On Time
ID = 1 A, resistive load
tON
--
5
10
µs
Turn-Off Time
ID = 1 A, resistive load
tOFF
--
5
10
µs
3. Digital Inputs
Input Low Voltage
VINL
- 0.3
--
1.0
V
Input High Voltage
VINH
2.0
--
VS+0.3
V
Input Voltage Hysteresis
VINHys
50
100
200
mV
Input Pull Down/Up Current (IN1 ... IN4)
IIN(1..4)
20
50
100
µA
PRG,
RESET Pull Up Current
IIN(PRG,Res)
20
50
100
µA
Input Pull Down Current (SI, SCLK)
IIN(SI,SCLK)
10
20
50
µA
Input Pull Up Current (
CS )
IIN(CS)
10
20
50
µA
4. Digital Outputs (SO,
FAULT )
SO High State Output Voltage
ISOH = 2 mA
VSOH
VS - 0.4 --
--
V
SO Low State Output Voltage
ISOL = 2.5 mA
VSOL
--
--
0.4
V
Output Tri-state Leakage Current
CS
= H, 0
≤ V
SO
≤ V
S
ISOlkg
-10
0
10
µA
FAULT Output Low Voltage
IFAULT = 1.6 mA
VFAULTL
--
--
0.4
V
Current Limitation; Overload Threshold Current
ID(lim) 1...4
3
4.5
6
A
Overtemperature Shutdown Threshold
Hysteresis
6
Tth(sd)
Thys
170
--
--
10
200
--
°C
K
4 For V
S < 4.5V the power stages are switched according the input signals and data bits or are definitely switched
off. This undervoltage reset gets active at VS = 3V (typ. value) and is guaranteed by design.
5 If Reset = L the supply current is reduced to typ. 20µA
6 This parameter will not be tested but guaranteed by design



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com