Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC2883 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # 2SC2883
Description  NPN Plastic-Encapsulate Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

2SC2883 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  2SC2883 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH 2SC2883 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH 2SC2883 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2SC2883
1.5 A , 30 V
NPN Plastic-Encapsulate Transistor
Elektronische Bauelemente
14-Jan-2010 Rev. A
Page 1 of 3
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
A
E
C
D
B
K
H
F
G
L
J
1
2
3
4

Base

Emitter
Collector

RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Low Voltage.
CLASSIFICATION OF hFE
PACKAGE INFORMATION
Package
MPQ
LeaderSize
SOT-89
1K
7’ inch
ABSOLUTE MAXIMUM RATINGS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Rating
Unit
Collector to Base Voltage
VCBO
30
V
Collector to Emitter Voltage
VCEO
30
V
Emitter to Base Voltage
VEBO
5
V
Continuous Collector Current
IC
1.5
A
Collector Power Dissipation
PC
500
mW
Junction, Storage Temperature
TJ, TSTG
150, -55~150
°C
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Min
Typ
Max
Unit
Test condition
Collector to Base Breakdown Voltage
V(BR)CBO
30
-
-
V
IC=1mA, IE=0
Collector to Emitter Breakdown Voltage
V(BR)CEO
30
-
-
V
IC=10mA, IB=0
Emitter to Base Breakdown Voltage
V(BR)EBO
5
-
-
V
IE=1mA, IC=0
Collector Cut-Off Current
ICBO
-
-
0.1
μA
VCB=30V, IE=0
Emitter Cut-Off Current
IEBO
-
-
0.1
μA
VEB=5V, IC=0
DC Current Gain
hFE
100
-
320
VCE=2V, IC=500mA
Collector to Emitter Saturation Voltage
VCE(sat)
-
-
2
V
IC=1.5A, IB=30mA
Base to emitter Voltage
VBE
-
-
1
V
VCE=2V, IC=500mA
Transition Frequency
fT
-
120
-
MHz
VCE=2V, IC = 500mA
Collector Output Capacitance
Cob
-
-
40
pF
VCB=10V, IE=0, f=1MHz
Product-Rank
2SC2883-O
2SC2883-Y
Range
100~200
160~320
Marking
GO
GY
SOT-89
REF.
Millimeter
REF.
Millimeter
Min.
Max.
Min.
Max.
A
4.40
4.60
G
0.40
0.58
B
3.94
4.25
H
1.50 TYP
C
1.40
1.60
J
3.00 TYP
D
2.30
2.60
K
0.32
0.52
E
1.50
1.70
L
0.35
0.44
F
0.89
1.20


Similar Part No. - 2SC2883

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC2883 TOSHIBA-2SC2883 Datasheet
157Kb / 2P
TRANSISTOR (AUDIO FREQUENCY AMPLIFIER APLICATIONS)
logo
Guangdong Kexin Industr...
2SC2883 KEXIN-2SC2883 Datasheet
356Kb / 2P
Audio Frequency Amplifier Applications
logo
Toshiba Semiconductor
2SC2883 TOSHIBA-2SC2883 Datasheet
124Kb / 4P
Audio Frequency Amplifier Applications
logo
Shenzhen Jin Yu Semicon...
2SC2883 HTSEMI-2SC2883 Datasheet
852Kb / 3P
TRANSISTOR(NPN)
logo
MAKO SEMICONDUCTOR CO.,...
2SC2883 MAKOSEMI-2SC2883 Datasheet
117Kb / 2P
Low voltage
More results

Similar Description - 2SC2883

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
2SD2098 WEITRON-2SD2098 Datasheet
111Kb / 5P
NPN Plastic-Encapsulate Transistor
logo
SeCoS Halbleitertechnol...
2SD2142 SECOS-2SD2142 Datasheet
218Kb / 2P
NPN Plastic Plastic-Encapsulate Transistor
2SC4098 SECOS-2SC4098 Datasheet
83Kb / 1P
NPN Plastic-Encapsulate Transistor
2SC4116 SECOS-2SC4116 Datasheet
172Kb / 3P
NPN Plastic-Encapsulate Transistor
2SC4215 SECOS-2SC4215 Datasheet
195Kb / 3P
NPN Plastic-Encapsulate Transistor
2SC4373 SECOS-2SC4373 Datasheet
77Kb / 1P
NPN Plastic-Encapsulate Transistor
2SD602 SECOS-2SD602_11 Datasheet
1Mb / 3P
NPN Plastic-Encapsulate Transistor
BC847AT SECOS-BC847AT Datasheet
169Kb / 3P
NPN Plastic Encapsulate Transistor
2SD602 SECOS-2SD602 Datasheet
1Mb / 3P
NPN Plastic-Encapsulate Transistor
BC846W SECOS-BC846W Datasheet
909Kb / 4P
NPN Plastic Encapsulate Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com