Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE6363 Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # TLE6363
Description  Multifunctional Voltage Regulator and Watchdog
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6363 Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button TLE6363 Datasheet HTML 9Page - Infineon Technologies AG TLE6363 Datasheet HTML 10Page - Infineon Technologies AG TLE6363 Datasheet HTML 11Page - Infineon Technologies AG TLE6363 Datasheet HTML 12Page - Infineon Technologies AG TLE6363 Datasheet HTML 13Page - Infineon Technologies AG TLE6363 Datasheet HTML 14Page - Infineon Technologies AG TLE6363 Datasheet HTML 15Page - Infineon Technologies AG TLE6363 Datasheet HTML 16Page - Infineon Technologies AG TLE6363 Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
Data Sheet Rev. 1.2
13
2003-06-02
TLE 6363
Watchdog Operation
The watchdog uses one hundred of the oscillator’s clock signal period as a timebase,
defined as the watchdog cycle time
t
CYL.
After power-on, the reset output signal at the RO pin (microcontroller reset) is kept LOW
for the reset delay time
t
RD, i.e. 64 cycles. With the LOW to HIGH transition of the signal
at RO the device starts the closed window time
t
CW = 32 cycles. A trigger signal within
this window is interpreted as a pretrigger failure according to the figures shown below.
After the closed window the open window with the duration
t
OW is started. The open
window lasts at minimum until the trigger process has occurred, at maximum
t
OW is
32 cycles.
A HIGH to LOW transition of the watchdog trigger signal on pin WDI is taken by a trigger.
To avoid wrong triggering due to parasitic glitches two HIGH samples followed by two
LOW samples (sample period
t
CYL) are decoded as a valid trigger. If a trigger signal
appears at the watchdog input pin WDI during the open window or a power up/down
occurs, the watchdog window signal is reset and a new closed window follows.
A reset is generated (RO goes LOW) if there is no trigger pulse during the open window
or if a pretrigger occurs during the closed window. This reset happens after 64 cycles
after the latest valid closed window start time and lasts for further 64 cycles.
The triggering is correct also, if the first three samples (two HIGH one LOW) of the trigger
pulse at pin WDI are inside the closed window and only the fourth sample (the second
LOW sample) is taken in the open window.
In addition to the microcontroller reset signal RO the device generates a system enable
signal at pin SEN. If RO is HIGH the system enable goes active HIGH with the first valid
watchdog trigger pulse at pin WDI. The SEN output goes LOW immediately if a
pretrigger, a missing trigger or a power down reset occurs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com