Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE7188F Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # TLE7188F
Description  3-Phase Bridge Driver IC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7188F Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button TLE7188F Datasheet HTML 9Page - Infineon Technologies AG TLE7188F Datasheet HTML 10Page - Infineon Technologies AG TLE7188F Datasheet HTML 11Page - Infineon Technologies AG TLE7188F Datasheet HTML 12Page - Infineon Technologies AG TLE7188F Datasheet HTML 13Page - Infineon Technologies AG TLE7188F Datasheet HTML 14Page - Infineon Technologies AG TLE7188F Datasheet HTML 15Page - Infineon Technologies AG TLE7188F Datasheet HTML 16Page - Infineon Technologies AG TLE7188F Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
Data Sheet
13
V2.1, 2007-06-20
TLE7188F
Description and Electrical Characteristics
When the TLE7188F is in INH mode (INH is low) or when the supply voltage is not available on the Vs pin, then
the driver IC is not supplied, the charge pumps are inactive and the charge pump capacitors are discharged. Pin
CB2 (+ terminal of buffer capacitor 2) will decay to GND. When the battery voltage is still applied to VDH (- terminal
of buffer capacitor 2) the buffer capacitor 2 will slowly charged to battery voltage, yet with reversed polarity
compared to the polarity during regular operation. Hence, it is important to use a buffer capacitor 2 (CB2) that can
withstand both, +25 V during operation mode and -VBAT during INH mode, e.g. a ceramic capacitor. In case of load
dump during INH mode, the negative voltage across CB2 will be clamped to -31 V (CB2 referenced to VDH).
5.1.4
Electrical Characteristics
Electrical Characteristics MOSFET drivers - DC Characteristics
V
S = 5.5 to 20V, Tj = -40 to +150°C, fPWM < 25kHz, all voltages with respect to ground, positive current flowing into pin
(unless otherwise specified)
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Typ.
Max.
5.1.1
Low level output voltage
V
G_LL
––0.2
V
I=30mA
5.1.2
High level output voltage, Low Side
V
G_HL
7.5
–
13
V
Vs=5.5..8V;
I=-2mA
5.1.3
High level output voltage, High Side
V
G_HL
6.5
–
13
V
Vs=5.5..8V;
I=-2mA
5.1.4
High level output voltage
V
G_HL
9–13
V
Vs=8..20V;
I=-2mA
5.1.5
High level output voltage difference
d
VG_H
––1.0
V
I=-100mA; Vs=20V
5.1.6
Gate drive output voltage
V
GS1_D
–
–
0.2
V
Disabled;
5.5V<Vs<28V;
I=10mA
5.1.7
Gate drive output voltage
Tj=-40°C
Tj=25°C
Tj=150°C
V
GS2_5
–
–
–
–
–
–
1.4
1.2
1.0
V
UVLO; Vs<=5.5V
5.1.8
Gate drive output voltage high side
Tj=-40°C
Tj=25°C
Tj=150°C
V
GS3_5
–
–
–
–
–
–
–
1.4
1.2
1.0
VOver voltage
5.1.9
Gate drive output voltage low side
V
GS_5
––0.2
V
Over voltage
5.1.10
Low level input voltage of Ixx, ENA
V
I_LL
––1.0
V
–
5.1.11
High level input voltage of Ixx, ENA
V
I_HL
2.0
––V
–
5.1.12
Low level input voltage of INH
V
I_LL
––0.75
V
–
5.1.13
High level input voltage of INH
V
I_HL
2.1
––V
–
5.1.14
Input hysteresis of IHx, ILx, ENA
d
VI
50
–
–-
mV
Vs=5.5..8V
5.1.15
Input hysteresis of IHx, ILx, ENA
d
VI
100
200
–-
mV
Vs=8..20V
5.1.16
Output bias current SHx
I
SHx
-1.6
-1.0
-0.3
mA
Vs=5.5..20V;
VSHx=0..(Vs+1);
VILx=low; VIHx=high
5.1.17
Output bias current SLx
I
SLx
-1.6
-1.0
-0.3
mA
Vs=5.5..20V;
VSLx=0..7V;
VILx=low; VIHx=high



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com