| Electronic Components Datasheet Search |
|
TLE7231G Datasheet(PDF) 22 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
TLE7231G Datasheet(HTML) 22 Page - Infineon Technologies AG |
|
22 / 30 page ![]() SPI Driver for Enhanced Relay Control SPIDER - TLE7231G Serial Peripheral Interface (SPI) Datasheet 22 Rev. 1.0, 2008-02-28 Figure 11 Daisy Chain Configuration In the SPI block of each device, there is one shift register where one bit from SI line is shifted in each SCLK. The bit shifted out can be seen at SO. After 8 SCLK cycles, the data transfer for one device has been finished. In single chip configuration, the CS line must transit from low to high to make the device accept the transferred data. In daisy chain configuration the data shifted out at device #1 has been shifted in to device #2. When using three devices in daisy chain, three times 8 bits have to be shifted through the devices. After that, the MCS line must transit from low to high (see Figure 12). Figure 12 Data Transfer in Daisy Chain Configuration 9.3 SPI Protocol The SPI protocol of the TLE7231G provides two registers. The input register and the diagnosis register. The diagnosis register contains four pairs of diagnosis flags, the input register contains the input multiplexer configuration. After power-on reset, all register bits are cleared to 0. SI 765 4321 0 IN3 IN2 IN1 IN0 SI device 1 SPI SO SI device 2 SPI SO SI device 3 SPI SO MO MI MCS MCLK SPI_DasyChain.emf MI MO MCS MCLK SI device 3 SI device 2 SI device 1 SO device 3 SO device 2 SO device 1 time SPI_DasyChain2.emf |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |