Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE7236EM Datasheet(PDF) 14 Page - Infineon Technologies AG

Part # TLE7236EM
Description  SPI Driver for Enhanced Relay Control
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7236EM Datasheet(HTML) 14 Page - Infineon Technologies AG

Back Button TLE7236EM Datasheet HTML 10Page - Infineon Technologies AG TLE7236EM Datasheet HTML 11Page - Infineon Technologies AG TLE7236EM Datasheet HTML 12Page - Infineon Technologies AG TLE7236EM Datasheet HTML 13Page - Infineon Technologies AG TLE7236EM Datasheet HTML 14Page - Infineon Technologies AG TLE7236EM Datasheet HTML 15Page - Infineon Technologies AG TLE7236EM Datasheet HTML 16Page - Infineon Technologies AG TLE7236EM Datasheet HTML 17Page - Infineon Technologies AG TLE7236EM Datasheet HTML 18Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 37 page
background image
Data Sheet
14
Rev. 1.0, 2010-02-18
SPI Driver for Enhanced Relay Control
TLE7236EM
Power Supply
5.3
Reset
There are several reset trigger implemented in the device. A reset switches off all channels and sets the registers
to default values. After any kind of reset, the transmission error flag (TER) is set and the device is in sleep mode.
Under Voltage Reset:
During this device condition a read on SPI delivers the Standard Diagnostic Frame with a TER flag, if
V
DD is above
the under voltage threshold already, if not SPI is not working.
This under voltage reset is released when
V
DD and Vbb supply voltage levels are above under voltage threshold.
Reset Command: There is a reset command available to reset all register bits of the register bank and the
diagnosis registers. As soon as CMD.RST = 1, a reset is triggered.
Limp Home Mode: In limp home mode, the SPI write-registers are reset. The SPI interface is operating normally,
so the limp home bit LHI as well as the diagnosis flags can be read, but no command is accepted until the device
leaves the Limp home operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com