Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE7368 Datasheet(PDF) 19 Page - Infineon Technologies AG

Part # TLE7368
Description  Next Generation Micro Controller Supply
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7368 Datasheet(HTML) 19 Page - Infineon Technologies AG

Back Button TLE7368 Datasheet HTML 15Page - Infineon Technologies AG TLE7368 Datasheet HTML 16Page - Infineon Technologies AG TLE7368 Datasheet HTML 17Page - Infineon Technologies AG TLE7368 Datasheet HTML 18Page - Infineon Technologies AG TLE7368 Datasheet HTML 19Page - Infineon Technologies AG TLE7368 Datasheet HTML 20Page - Infineon Technologies AG TLE7368 Datasheet HTML 21Page - Infineon Technologies AG TLE7368 Datasheet HTML 22Page - Infineon Technologies AG TLE7368 Datasheet HTML 23Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 41 page
background image
TLE7368
General Product Characteristics
Data Sheet
19
Rev. 2.1, 2010-11-22
4.4.97
Overvoltage Reset
threshold on Q_LDO2
V
ORT Q_LDO2,
de
3.55
–
3.80
V
SEL_LDO2 = Q_LDO2;
V
Q_LDO2 decreasing
4.4.98
Overvoltage Reset
hysteresis
V
ORO_2, hyst
50
–
200
mV
SEL_LDO2 = Q_LDO2;
4.4.99
Undervoltage Reset
threshold on Q_LDO2
V
URT Q_LDO2,
de
2.485
–
2.560
V
SEL_LDO2 = GND;
V
Q_LDO2 decreasing;
V
IN_LDO2 = open
4.4.100
Undervoltage Reset
headroom on Q_LDO2
V
URT Q_LDO2,
head
47
–
–
mV
SEL_LDO2 = GND;
V
URT Q_LDO2, head
=
V
Q_LDO2 - VURT Q_LDO2, de;
V
Q_LDO2 @ IQ_LDO2 = 500 mA
4.4.101
Undervoltage Reset
hysteresis Q_LDO2
V
URO_2, hyst
15
–
60
mV
SEL_LDO2 = GND;
V
URO_2, hyst
=
V
URT Q_LDO2, in - VURT Q_LDO2, de
4.4.102
Overvoltage Reset
threshold on Q_LDO2
V
ORT Q_LDO2,
in
2.85
–
3.0
V
SEL_LDO2 = GND;
V
Q_LDO2 increasing
4.4.103
Overvoltage Reset
threshold on Q_LDO2
V
ORT Q_LDO2,
de
2.73
–
2.95
V
SEL_LDO2 = GND;
V
Q_LDO2 decreasing
4.4.104
Overvoltage Reset
hysteresis Q_LDO2
V
ORO_2, hyst
50
–
120
mV
SEL_LDO2 = GND;
4.4.105
Undervoltage Reset
threshold on FB_EXT
V
URT FB_EXT,
de
1.425
–
1.480
V
TLE7368G, TLE7368E
V
FB_EXT decreasing;
V
FB/L_IN = 5 V
or
V
Q_LDO2 = 3.3/2.6 V
4.4.106
Undervoltage Reset
headroom on FB_EXT
V
FB_EXT -
V
URT FB_EXT,
de
40
60
–
mV
TLE7368G, TLE7368E
V
FB/L_IN = 5 V
or
V
Q_LDO2 = 3.3/2.6 V;
V
FB_EXT @ IFB_EXT = 1 A
4.4.107
Undervoltage Reset
hysteresis FB_EXT
V
URO_2, hyst
15
–
45
mV
TLE7368G, TLE7368E
4.4.108
Overvoltage Reset
threshold on FB_EXT
V
ORT FB_EXT,
in
1.65
–
1.72
V
TLE7368G, TLE7368E
V
FB_EXT increasing
4.4.109
Overvoltage Reset
threshold on FB_EXT
V
ORT FB_EXT,
de
1.55
–
1.67
V
TLE7368G, TLE7368E
V
FB_EXT decreasing
4.4.110
Overvoltage Reset
hysteresis FB_EXT
V
ORO_2, hyst
50
–
120
mV
TLE7368G, TLE7368E
4.4.111
Undervoltage Reset
threshold on FB_EXT
V
URT FB_EXT,
de
1.08
–
1.15
V
TLE7368-2E
V
FB_EXT decreasing;
V
FB/L_IN = 5 V or VQ_LDO2 =
3.3/2.6 V;
Electrical Characteristics (cont’d)
V
IN = VIN_STBY = 13.5 V, Tj = -40 °C to +150 °C,
V
CCP = 9.0 V; SEL_STBY = Q_STBY; all voltages with respect to ground.
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com