Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE42364G Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # TLE42364G
Description  Low Dropout Linear Voltage Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE42364G Datasheet(HTML) 2 Page - Infineon Technologies AG

  TLE42364G Datasheet HTML 1Page - Infineon Technologies AG TLE42364G Datasheet HTML 2Page - Infineon Technologies AG TLE42364G Datasheet HTML 3Page - Infineon Technologies AG TLE42364G Datasheet HTML 4Page - Infineon Technologies AG TLE42364G Datasheet HTML 5Page - Infineon Technologies AG TLE42364G Datasheet HTML 6Page - Infineon Technologies AG TLE42364G Datasheet HTML 7Page - Infineon Technologies AG TLE42364G Datasheet HTML 8Page - Infineon Technologies AG TLE42364G Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
PG-SOT223-4
Type
Package
Marking
TLE42364G
PG-SOT223-4
42364
Data Sheet
2
Rev. 1.0, 2010-02-08
Low Dropout Linear Voltage Regulator
TLE42364G
1Overview
Features
•
Output voltage 5 V
•
Output voltage tolerance
≤ ±2%
•
100 mA current capability
•
Very low current consumption
•
Low dropout voltage
•
Overtemperature shutdown
•
Reverse polarity protection
•
Output current limitation
•
Wide temperature range
•
Suitable for use in automotive electronics
•
Enable
•
Green Product (RoHS compliant)
•
AEC Qualified
Functional Description
TLE42364G is a low dropout voltage regulator for 5 V supply in a PG-SOT223-4 SMD package. The IC regulates
an input voltage VI in the range of 5.5 V < VI < 45 V to VQ,nom = 5 V. The maximum output current is more than 100
mA. The IC can be switched off via the enable input, which causes the current consumption to drop below 10
µA.
The IC is protected against shortcircuit and overheat by the incorporated output current limitation and the
overtemperature shutdown.
Choosing External Components
The input capacitor CI is necessary for compensating line influences. The output capacitor CQ is necessary for the
stability of the regulating circuit. Stability is guaranteed at values CQ ≥ 10 µF and an ESR ≤ 10 Ω within the whole
operating temperature range.
Circuit Description
The device includes a precise reference voltage, which is very accurate due to resistor adjustment. A control amplifier
compares the divided output voltage to this reference voltage and drives the base of the PNP series transistor through a buffer.
Saturation control as a function of the load current prevents any oversaturation of the power element.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com