Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE42744 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # TLE42744
Description  Low Dropout Linear Voltage Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE42744 Datasheet(HTML) 2 Page - Infineon Technologies AG

  TLE42744 Datasheet HTML 1Page - Infineon Technologies AG TLE42744 Datasheet HTML 2Page - Infineon Technologies AG TLE42744 Datasheet HTML 3Page - Infineon Technologies AG TLE42744 Datasheet HTML 4Page - Infineon Technologies AG TLE42744 Datasheet HTML 5Page - Infineon Technologies AG TLE42744 Datasheet HTML 6Page - Infineon Technologies AG TLE42744 Datasheet HTML 7Page - Infineon Technologies AG TLE42744 Datasheet HTML 8Page - Infineon Technologies AG TLE42744 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
TLE42744
Type
Package
Marking
TLE42744DV50
PG-TO252-3
42744V5
TLE42744GV50
PG-TO263-3
42744V5
TLE42744EV50
PG-SSOP-14 exposed pad
42744V5
TLE42744DV33
PG-TO252-3
42744V33
TLE42744GV33
PG-TO263-3
42744V33
TLE42744GSV33
PG-SOT223-4
42744V33
Data Sheet
2
Rev. 1.1, 2010-01-13
PG-TO252-3
PG-TO263-3
PG-SSOP-14 exposed pad
PG-SOT223-4
Low Dropout Linear Voltage Regulator
1Overview
Features
•
Very Low Current Consumption
•
Output Voltages 5 V and 3.3 V
±2%
•
Output Current up to 400 mA
•
Very Low Dropout Voltage
•
Output Current Limitation
•
Reverse Polarity Protection
•
Overtemperature Shutdown
•
Wide Temperature Range
From -40 °C up to 150 °C
•
Green Product (RoHS compliant)
•
AEC Qualified
Description
The TLE42744 is a monolithic integrated low dropout voltage regulator for load currents up to 400 mA. An input
voltage up to 40 V is regulated to
V
Q,nom = 5 V / 3.3 V with a precision of ±2%. The device is designed for the harsh
environment of automotive applications. Therefore it is protected against overload, short circuit and
overtemperature conditions by the implemented output current limitation and the overtemperature shutdown
circuit. The TLE42744 can be also used in all other applications requiring a stabilized 5 V / 3.3 V voltage.
Due to its very low quiescent current the TLE42744 is dedicated for use in applications permanently connected to
V
BAT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com