Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B772S Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # B772S
Description  PNP Plastic-Encapsulated Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

B772S Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  B772S Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH B772S Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
B772S
-3A , -40V
PNP Plastic-Encapsulated Transistor
04-Mar-2011 Rev. B
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
A
C
E
K
F
D
B
G
H
J
3
Base
1
Emitter
Collector
2
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Low speed switching.
CLASSIFICATION OF hFE
Product-Rank
B772S-R
B772S-O
B772S-Y
B772S-GR
Range
60~120
100~200
160~320
200~400
ABSOLUTE MAXIMUM RATINGS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Rating
Unit
Collector to Base Voltage
VCBO
-40
V
Collector to Emitter Voltage
VCEO
-30
V
Emitter to Base Voltage
VEBO
-6
V
Collector Current - Continuous
IC
-3
A
Collector Power Dissipation
PC
625
mW
Thermal Resistance From Junction to Ambient
RθJA
200
°C / W
Junction, Storage Temperature
TJ, TSTG
150, -55~150
°C
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Collector to Base Breakdown Voltage
V(BR)CBO
-40
-
-
V
IC= -100µA, IE=0
Collector to Emitter Breakdown Voltage
V(BR)CEO
-30
-
-
V
IC= -10mA, IB=0
Emitter to Base Breakdown Voltage
V(BR)EBO
-6
-
-
V
IE= -100µA, IC=0
Collector Cut-Off Current
ICBO
-
-
-1
µA
VCB= -40V, IE=0
Collector Cut-Off Current
ICEO
-
-
-10
µA
VCE= -30V, IB=0
Emitter Cut-Off Current
IEBO
-
-
-1
µA
VEB= -6V, IC=0
DC Current Gain
hFE
60
-
400
VCE= -2V, IC= -1A
Collector to Emitter Saturation Voltage
VCE(sat)
-
-
-0.5
V
IC= -2A, IB= -200mA
Base to Emitter Voltage
VBE(sat)
-
-
-1.5
V
VCE= -2V, IC= -200mA
Transition Frequency
fT
50
80
-
MHz
VCE= -5V, IC= -100mA, f=10MHz
1
1
1
1Emitter
2
2
2
2Collector
3
3
3
3Base
TO-92
Millimeter
REF.
Min.
Max.
A
4.40
4.70
B
4.30
4.70
C
12.70
-
D
3.30
3.81
E
0.36
0.56
F
0.36
0.51
G
1.27 TYP.
H
1.10
-
J
2.42
2.66
K
0.36
0.76


Similar Part No. - B772S

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
B772S JIANGSU-B772S Datasheet
972Kb / 5P
TO-92 Plastic-Encapsulate Transistors
logo
Nanjing International G...
B772S DGNJDZ-B772S Datasheet
1Mb / 5P
TO-92 Plastic-Encapsulate Transistors
B772S-TA DGNJDZ-B772S-TA Datasheet
1Mb / 5P
TO-92 Plastic-Encapsulate Transistors
logo
Unisonic Technologies
B772SS UTC-B772SS Datasheet
55Kb / 4P
MEDIUM POWER LOW VOLTAGE TRANSISTOR
B772SS UTC-B772SS Datasheet
185Kb / 4P
MEDIUM POWER LOW VOLTAGE TRANSISTOR
More results

Similar Description - B772S

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
2SA733 SECOS-2SA733 Datasheet
284Kb / 2P
PNP Plastic Encapsulated Transistor
2SA1013 SECOS-2SA1013 Datasheet
375Kb / 2P
PNP Plastic Encapsulated Transistor
2N4402 SECOS-2N4402 Datasheet
109Kb / 1P
PNP Plastic Encapsulated Transistor
2SA733 SECOS-2SA733_11 Datasheet
420Kb / 2P
PNP Plastic Encapsulated Transistor
2SA844 SECOS-2SA844 Datasheet
83Kb / 1P
PNP Plastic Encapsulated Transistor
2SA1300 SECOS-2SA1300 Datasheet
401Kb / 2P
PNP Plastic Encapsulated Transistor
2SB1068 SECOS-2SB1068 Datasheet
84Kb / 1P
PNP Plastic Encapsulated Transistor
A1015 SECOS-A1015 Datasheet
449Kb / 2P
PNP Plastic-Encapsulated Transistor
2SB1184 SECOS-2SB1184 Datasheet
76Kb / 1P
PNP Plastic Encapsulated Transistor
KSA539 SECOS-KSA539 Datasheet
71Kb / 1P
PNP Plastic Encapsulated Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com