Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC847BV Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # BC847BV
Description  Plastic-Encapsulate Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

BC847BV Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  BC847BV Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH BC847BV Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Any changing of specification will not be informed individual
BC847BV
Dual NPN Transistors
Plastic-Encapsulate Transistors
RoHS Compliant Product
* Epitaxial Die Construction
(BC857BV)
* Complementary PNP Type Available
FEATURES
* Ultra-Small Surface Mount Package
http://www.SeCoSGmbH.com
Elektronische Bauelemente
23-Mar-2007 Rev. A
Page 1 of 2
MAXIMUM RATINGS* TA=25
unless otherwise noted
.
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
50
45
6
0.1
0.15
150
-55-150
VCEO
Collector-Emitter Voltage
V
VEBO
Emitter-Base Voltage
V
IC
Collector Current -Continuous
A
PC
Collector Dissipation
W
V
C
o
C
o
TJ
Junction Temperature
Tstg
Storage Temperature
RθJA
Thermal Resistance. Junction to Ambient Air
833
C/W
o
SOT-563
Dimensions in inches and (millimeters)
.051(1.30)
.043(1.10)
.012(0.30)
.004(0.10)
.067(1.70)
.059(1.50)
.067(1.70)
.059(1.50)
.022(0.55)
.018(0.45)
.011(0.27)
.007(0.17)
.002(0.05)
.000(0.00)
.024(0.60)
.021(0.525)
.006(0.16)
.004(0.09)
7o REF.
7o RE
F
.
Marking:K4V
ELECTRICAL CHARACTERISTICS (Tamb=25 unless otherwise specified)
Parameter
Symbol
Test
conditions
MIN
TYP
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
IC=10µA,IE=0
50
V
Collector-emitter breakdown voltage
V(BR)CEO
IC=10mA,IB=0
45
V
Emitter-base breakdown voltage
V(BR)EBO
IE=1µA,IC=0
6
V
Collector cut-off current
ICBO
VCB=30V,IE=0
15
nA
Emitter cut-off current
IEBO
VEB=5V,IC=0
100
nA
DC current gain
hFE(1)
VCE=5V,IC=2mA
200
450
Collector-emitter saturation voltage
VCE(sat)
IC=10mA,IB=0.5mA
IC=100mA,IB=5mA
100
300
mV
Base-emitter saturation voltage
VBE(sat)
IC=10mA,IB=0.5mA
IC=100mA,IB=5mA
700
900
mV
Base-emitter voltage
VBE
VCE=5V,IC=2mA
VCE=5V,IC=10mA
580
660
700
770
mV
Transition frequency
fT
VCE=5V,IC=10mA,f=100MHz
MHz
Output capacitance
Cob
VCB=10V,IE=0,f=1MHz
4.5
pF
100
Noise Figure
NF
VCE=5V,Rs=2kΩ,
f=1kHz,BW=200Hz
10
dB


Similar Part No. - BC847BV

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BC847BV DIODES-BC847BV Datasheet
83Kb / 3P
NPN DUAL SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30432 Rev. 2 - 2
logo
NXP Semiconductors
BC847BV PHILIPS-BC847BV Datasheet
115Kb / 15P
NPN/NPN matched double transistors
Rev. 05-27 June 2006
BC847BV NXP-BC847BV Datasheet
130Kb / 8P
NPN general purpose double transistor
2001 Sep 10
logo
Micro Commercial Compon...
BC847BV MCC-BC847BV Datasheet
165Kb / 3P
NPN Plastic-Encapsulate Transistors
BC847BV MCC-BC847BV Datasheet
271Kb / 3P
NPN Plastic-Encapsulate Transistors
More results

Similar Description - BC847BV

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S9013 ETC-S9013 Datasheet
963Kb / 2P
PLASTIC ENCAPSULATE TRANSISTORS
logo
Micro Commercial Compon...
MMDT5401 MCC-MMDT5401 Datasheet
116Kb / 3P
Plastic-Encapsulate Transistors
logo
SeCoS Halbleitertechnol...
BCX51 SECOS-BCX51 Datasheet
1Mb / 1P
Plastic-Encapsulate Transistors
D882 SECOS-D882 Datasheet
277Kb / 2P
Plastic Encapsulate Transistors
logo
Micro Commercial Compon...
MMDT5401 MCC-MMDT5401_11 Datasheet
231Kb / 3P
Plastic-Encapsulate Transistors
logo
MAKO SEMICONDUCTOR CO.,...
2SC945 MAKOSEMI-2SC945 Datasheet
99Kb / 2P
Plastic-Encapsulate Transistors
KTC3875 MAKOSEMI-KTC3875 Datasheet
88Kb / 2P
Plastic-Encapsulate Transistors
logo
Nanjing International G...
KTA1275 DGNJDZ-KTA1275 Datasheet
149Kb / 1P
Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
2SD2142 JIANGSU-2SD2142 Datasheet
271Kb / 1P
Plastic-Encapsulate Transistors
BC516 JIANGSU-BC516 Datasheet
401Kb / 3P
Plastic-Encapsulate Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com