Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N3823 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # 2N3823
Description  N-CHANNEL J-FET DEPLETION MODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N3823 Datasheet(HTML) 1 Page - Microsemi Corporation

  2N3823 Datasheet HTML 1Page - Microsemi Corporation 2N3823 Datasheet HTML 2Page - Microsemi Corporation 2N3823 Datasheet HTML 3Page - Microsemi Corporation 2N3823 Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TECHNICAL DATA SHEET
6 Lake Street, Lawrence, MA 01841
Gort Road Business Park, Ennis, Co. Clare, Ireland
1-800-446-1158 / (978) 620-2600 / Fax: (978) 689-0803
Tel: +353 (0) 65 6840044 Fax: +353 (0) 65 6822298
Website: http://www.microsemi.com
N-CHANNEL J-FET DEPLETION MODE
Equivalent to MIL-PRF-19500/375
T4-LDS-0005 Rev. 2 (101425)
Page 1 of 4
DEVICES
LEVELS
2N3821
2N3821UB
MQ = JAN Equivalent
2N3822
2N3822UB
MX = JANTX Equivalent
2N3823
2N3823UB
MV = JANTXV Equivalent
ABSOLUTE MAXIMUM RATINGS (TC = +25°C unless otherwise noted)
Parameters / Test Conditions
Symbol
2N3821, UB
2N3822, UB
2N3823, UB
Unit
Gate-Source Voltage
VGSR
50
30
V
Drain-Source Voltage
VDS
50
30
V
Drain-Gate Voltage
VDG
50
30
V
Gate Current
IGF
10
mA
Power Dissipation
TA = +25°C
(1)
PT
300
mW
Operating Junction & Storage
Temperature Range
Tj, Tstg
-55 to + 200
°C
Note: (1) Derate linearly 1.7mW/°C for TA > +25°C.
ELECTRICAL CHARACTERISTICS (TA = +25°C, unless otherwise noted)
Parameters / Test Conditions
Symbol
Min.
Max.
Unit
OFF CHARACTERTICS
Gate-Source Breakdown Voltage
VDS = 0, IG = 1.0μA dc
2N3821 / UB
2N3822 / UB
2N3823 / UB
V(BR)GSSR
50
50
30
Vdc
Gate Reverse Current
VDS = 0, VGS = 30V dc
VDS = 0, VGS = 30V dc
VDS = 0, VGS = 20V dc
2N3821 / UB
2N3822 / UB
2N3823 / UB
IGSSR
0.1
0.1
0.5
ηA
Zero-Gate-Voltage Drain Current
VGS = 0, VDS = 15V dc
2N3821 / UB
2N3822 / UB
2N3823 / UB
IDSS
0.5
2.0
4.0
2.5
10
20
mA
Gate-Source Voltage
VDS = 15V dc, ID = 50μA dc
VDS = 15V dc, ID = 200μA dc
VDS = 15V dc, ID = 400μA dc
2N3821 / UB
2N3822 / UB
2N3823 / UB
VGS
0.5
1.0
1.0
2.0
4.0
7.5
Vdc
Gate-Source Cutoff Voltage
VDS = 15V dc, ID = 0.5ηA dc
2N3821 / UB
2N3822 / UB
2N3823 / UB
VGS(off)
4.0
6.0
8.0
Vdc
TO-72 (TO-206AF)
UB - Package


Similar Part No. - 2N3823

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
2N3823 MICRO-ELECTRONICS-2N3823 Datasheet
237Kb / 2P
N-CHANNEL JUNCTION FIELD EFFECT TRANSISTOR
logo
Microsemi Corporation
2N3823 MICROSEMI-2N3823 Datasheet
54Kb / 2P
TECHNICAL DATA
logo
List of Unclassifed Man...
2N3823 ETC1-2N3823 Datasheet
43Kb / 1P
N-Channel JFETs
logo
Intersil Corporation
2N3823 INTERSIL-2N3823 Datasheet
4Mb / 122P
P-CHANNEL JFET
logo
New Jersey Semi-Conduct...
2N3823 NJSEMI-2N3823 Datasheet
145Kb / 1P
N-CHANNEL JFETS
More results

Similar Description - 2N3823

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC5602C CLARE-CPC5602C Datasheet
76Kb / 4P
N Channel Depletion Mode FET
CPC5603C CLARE-CPC5603C Datasheet
248Kb / 3P
N Channel Depletion Mode FET
CPC5602 CLARE-CPC5602 Datasheet
85Kb / 3P
N Channel Depletion Mode FET
CPC5603 CLARE-CPC5603 Datasheet
85Kb / 3P
N Channel Depletion Mode FET
CPC3710 CLARE-CPC3710 Datasheet
112Kb / 5P
N-Channel Depletion-Mode FET
CPC3720 CLARE-CPC3720 Datasheet
111Kb / 5P
N-Channel Depletion-Mode FET
CPC5602 CLARE-CPC5602_12 Datasheet
111Kb / 5P
N-Channel Depletion Mode FET
CPC5603 CLARE-CPC5603_12 Datasheet
111Kb / 5P
N-Channel Depletion Mode FET
logo
IXYS Corporation
CPC5602 IXYS-CPC5602 Datasheet
112Kb / 5P
N-Channel Depletion Mode FET
CPC5603 IXYS-CPC5603 Datasheet
112Kb / 5P
N-Channel Depletion Mode FET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com