Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N6768 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # 2N6768
Description  N-CHANNEL MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N6768 Datasheet(HTML) 2 Page - Microsemi Corporation

  2N6768 Datasheet HTML 1Page - Microsemi Corporation 2N6768 Datasheet HTML 2Page - Microsemi Corporation 2N6768 Datasheet HTML 3Page - Microsemi Corporation 2N6768 Datasheet HTML 4Page - Microsemi Corporation 2N6768 Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TECHNICAL DATA SHEET
6 Lake Street, Lawrence, MA 01841
Gort Road Business Park, Ennis, Co. Clare, Ireland
1-800-446-1158 / (978) 620-2600 / Fax: (978) 689-0803
Tel: +353 (0) 65 6840044 Fax: +353 (0) 65 6822298
Website: http://www.microsemi.com
T4-LDS-0182 Rev. 1 (101484)
Page 2 of 5
DYNAMIC CHARACTERISTICS
Parameters / Test Conditions
Symbol
Min.
Max.
Unit
Gate Charge:
Qg(on)
Qgs
Qgd
nC
On-State Gate Charge
Gate to Source Charge
Gate to Drain Charge
VGS = 10V, ID = 30A
VDS = 50V
115
22
60
SWITCHING CHARACTERISTICS
Parameters / Test Conditions
Symbol
Min.
Max.
Unit
Switching time tests:
Turn-on delay time
Rinse time
Turn-off delay time
Fall time
ID = 30A, VGS = 10Vdc,
Gate drive impedance = 2.35
Ω,
VDD = 50Vdc
td(on)
tr
td(off)
tf
35
190
170
130
ns
Diode Reverse Recovery Time
di/dt ≤ 100A/µs, VDD ≤ 30V, IF = 30A
trr
950
ns



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com