Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N6901 Datasheet(PDF) 3 Page - Microsemi Corporation

Part # 2N6901
Description  N-CHANNEL LOGIC LEVEL MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N6901 Datasheet(HTML) 3 Page - Microsemi Corporation

  2N6901 Datasheet HTML 1Page - Microsemi Corporation 2N6901 Datasheet HTML 2Page - Microsemi Corporation 2N6901 Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
TECHNICAL DATA SHEET
6 Lake Street, Lawrence, MA 01841
Gort Road Business Park, Ennis, Co. Clare, Ireland
1-800-446-1158 / (978) 620-2600 / Fax: (978) 689-0803
Tel: +353 (0) 65 6840044 Fax: +353 (0) 65 6822298
Website: http://www.microsemi.com
T4-LDS-0188 Rev. 1 (101985)
Page 3 of 3
PACKAGE DIMENSIONS
NOTE:
1. Dimensions are in inches.
2. Millimeters are given for general information only.
3. Beyond radius(r) maximum, TW shall be held for a minimum length of .011 (0.28 mm).
4. Dimension TL measured from maximum HD.
5. Outline in this zone is not controlled.
6. Dimension CD shall not vary more than .010 (0.25 mm) in zone P. This zone is controlled for automatic handling.
7. Leads at gauge plane .054 +.001, -.000 (1.37 +0.03, -0.00 mm) below seating plane shall be within .007 (0.18 mm) radius
of true position (TP) at maximum material condition (MMC) relative to tab at MMC.
8. LU applies between L1 and L2. LD applies between L2 and LL minimum. Diameter is uncontrolled in L1 and beyond
LL minimum.
9. All three leads.
10. Radius(r) applies to both inside corners of tab.
11. Drain is electrically connected to the case.
12. Pin out: 1- source, 2 - gate, 3 - drain (case).
13. In accordance with ASME Y14.5M, diameters are equivalent to φx symbology.
FIGURE 1. Physical dimensions for TO-205 AF
Dimensions
Symbol
Inches
Millimeters
Min
Max
Min
Max
CD
.305
.335
7.75
8.51
CH
.160
.180
4.07
4.57
HD
.335
.370
8.51
9.40
LC
.200 TP
5.08 TP
LD
.016
.021
0.41
0.53
8,9
LL
.500
.750
12.70 19.05
8,9
LU
.016
.019
0.41
0.48
8,9
L1
.050
1.27
8,9
L2
.250
6.35
8,9
P
.100
2.54
6
Q
.050
1.27
5
TL
.029
.045
0.74
1.14
4
TW
.028
.034
0.71
0.86
3
r
.010
0.25
10
α
45° TP
45° TP
6



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com