Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCPA14 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # BCPA14
Description  Epitaxial Planar Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

BCPA14 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  BCPA14 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH BCPA14 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Any changing of specification will not be informed individual
BCPA14
NPN Silicon
Epitaxial Planar Transistor
RoHS Compliant Product
http://www.SeCoSGmbH.com
Elektronische Bauelemente
SOT-89
ELECTRICAL CHARACTERISTICS (Tamb=25 C)
o
P
Symbol
Min. Typ. Max. Unit
arameter
Collector-Base Breakdown Voltage
IC=100uA, IE=0
IC= 100uA, IB=0
IE=10uA, IC=0
VCB=30V, IE=0
VCB=10V,f=1MHz,IE=0
IC=100mA, IB=0.1mA
VCE=5V, IC=10mA
VCE=5V, IC=100mA
VCE=5V, IC =10mA, f=100MHz
BVCBO
30
V
Collector-Emitter Breakdown Voltage
BVCEO
BVEBO
V
V
10
20K
nA
Emitter-Base Breakdown Voltage
10K
pF
ICBO
Cob
*VCE(sat)
*VBE(on)
*hFE1
*hFE2
fT
-
-
-
-
-
6
-
-
-
-
-
125
-
-
-
-
-
-
-
2.0
1.5
100
100
MHz
V
V
Collector Cut-off Current
Collector Output Capacitance
Collector-Emitter Saturation Voltage
Base-Emitter Voltage, On
DC Current Gain
DC Current Gain
Transition Frequency
*Pulse Test: Pulse Width 380us, Duty Cycle 2%
30
Test Conditions
VCE=5V, IC=100mA
≦
≦
Collector Cut-off Current
ICEO
-
-
-
-
-
nA
VEB=10V, IC=0
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
4.4
4.6
G
3.00 REF.
B
4.05
4.25
H
1.50 REF.
C
1.50
1.70
I
0.40
0.52
D
1.30
1.50
J
1.40
1.60
E
2.40
2.60
K
0.35
0.41
F
0.89
1.20
L
5 q TYP.
M
0.70 REF.
Description
The BCPA14 is a Darlington amplifier transistor designed
for applications requiring exremely high current gain.
Absolute Maximum Ratings at TA=25 C
Collector to Base Voltage
Emitter to Base Voltage
Collect Current
Total Power Dissipation
Operating Junction and Storage Temperature Range
mA
V
V
V
IC
C
W
VCBO
VCEO
PD
Tj, Tstg
30
30
10
500
1.0
-55~+150
Parameter
Symbol
Ratings
Unit
o
o
Collector to Emitter Voltage
VEBO
01-Jun-2002 Rev. A
Page 1 of 2


Similar Part No. - BCPA14

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
BCPA14 SECOS-BCPA14_15 Datasheet
400Kb / 2P
NPN Silicon
More results

Similar Description - BCPA14

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
BCP882 SECOS-BCP882 Datasheet
357Kb / 2P
Epitaxial Planar Transistor
BCP1213 SECOS-BCP1213 Datasheet
595Kb / 2P
Epitaxial Planar Transistor
CZT5401 SECOS-CZT5401 Datasheet
665Kb / 2P
Epitaxial Planar Transistor
PZT669A SECOS-PZT669A Datasheet
607Kb / 2P
Epitaxial Planar Transistor
PZT772 SECOS-PZT772 Datasheet
524Kb / 2P
Epitaxial Planar Transistor
PZT3906 SECOS-PZT3906 Datasheet
815Kb / 2P
Epitaxial Planar Transistor
PZTA14 SECOS-PZTA14 Datasheet
641Kb / 2P
Epitaxial Planar Transistor
PZTA42 SECOS-PZTA42 Datasheet
757Kb / 1P
Epitaxial Planar Transistor
PZT4672 SECOS-PZT4672 Datasheet
921Kb / 2P
Epitaxial Planar Transistor
BCP1213 SECOS-BCP1213_15 Datasheet
595Kb / 2P
Epitaxial Planar Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com