Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DB101 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # DB101
Description  1.0 Amp Surface Mount Bridge Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

DB101 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  DB101_09 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH DB101_09 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DB101 ~ DB107
VOLTAGE 50 V ~ 1000 V
1.0 Amp Surface Mount Bridge Rectifiers
Elektronische Bauelemente
10-August-2009 Rev. B
Page 1 of 2
RoHS compliant product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Low forward voltage drop, high current capability
Rating to 1000V PRV
Ideal for printed circuit board
Reliable low cost construction utilizing molded plastic technique
results in inexpensive products
Lead tin Pb / Sn copper
The plastic material has UL flammability classification 94V-0
MECHANICAL DATA
Polarity: As marked on Body
Weight:0.02 ounces, 0.38 grams
Mounting position: Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, de-rate current by 20%.
PARAMETERS
SYMBOL
DB
101
DB
102
DB
103
DB
104
DB
105
DB
106
DB
107
UNIT
Peak Repetitive Peak Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRMS
VDC
50
35
50
100
70
100
200
140
200
400
280
400
600
420
600
800
560
800
1000
700
1000
V
Maximum Average Forward Rectified Current
@TA=40℃
I(AV)
A
0
.
1
Peak Forward Surge Current 8.3 ms Single Half
Sine-Wave Super Imposed on Rated Load
(JEDEC Method)
IFSM
A
0
5
Maximum Forward Voltage at 1.5 A DC
VF
V
1
.
1
Maximum DC Reverse Current
@TJ=25℃
at Rated DC Blocking Voltage
@TJ=125℃
IR
10
500
uA
I2t Rating for Fusing (t<8.3ms)
I2
A
4
.
0
1
t
2s
Typical Junction Capacitance Per Element (Note1)
CJ
F
p
5
2
Typical Thermal Resistance (Note2)
RθJA
0
4
℃
/W
Operating and Storage temperature range
TJ, TSTG
0
5
1
~
5
5
-
℃
Note:
1. Measured at 1.0 MHz and applied reverse voltage of 4.0 V DC
2. Thermal resistance from junction to ambient mounted on P.C.B. with 0.5*0.5"(13*13mm) copper pads.
DB-1
REF.
Millimeter
REF.
Millimeter
Min.
Max.
Min.
Max.
A
8.20
9.30
F
0.55 REF.
B
7.60
8.90
G
1.50 REF.
C
2.90
3.40
H
3.90
4.90
D
6.20
6.50
J
-
-
E
5.00
5.20
A
F
J
E
B
H
C
G
D
~
~


Similar Part No. - DB101_09

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
DB101-DB-1 YFWDIODE-DB101-DB-1 Datasheet
744Kb / 2P
voltage range
logo
Kingtronics Internation...
DB101-DB107 KINGTRONICS-DB101-DB107 Datasheet
334Kb / 2P
Single Phase 1.0 AMPS. Glass Passivated Bridge Rectifiers Voltage Range 50 to 1000 Volts Current 1.0 Amperes
DB101-DB107 KINGTRONICS-DB101-DB107_16 Datasheet
363Kb / 2P
SURFACE MOUNT FAST SWITCHING RECTIFIER REVERSE VOLTAGE 50 to 1000 Volts FORWARD CURRENT 1.0 Ampere
logo
VoltarisTech Inc
DB101-E VOLTARISTECH-DB101-E Datasheet
335Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
Rev.A7
logo
Comchip Technology
DB101-G COMCHIP-DB101-G Datasheet
68Kb / 3P
Glass Passivated Bridge Rectifiers
More results

Similar Description - DB101_09

ManufacturerPart #DatasheetDescription
logo
Bytes
DB101S BYTES-DB101S Datasheet
150Kb / 2P
SINGLE PHASE 1.0 AMP SURFACE MOUNT BRIDGE RECTIFIERS
logo
UNIOHM CORPORATION
DB101S UNIOHM-DB101S Datasheet
67Kb / 2P
SINGLE PHASE 1.0 AMP SURFACE MOUNT BRIDGE RECTIFIERS
logo
SeCoS Halbleitertechnol...
DB101S SECOS-DB101S Datasheet
151Kb / 2P
1.0 Amp Surface Mount Bridge Rectifiers
logo
WILLAS ELECTRONIC CORP
MD1F WILLAS-MD1F Datasheet
450Kb / 2P
1.0 AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Goodwork Semiconductor ...
DB101S GWSEMI-DB101S Datasheet
67Kb / 2P
SINGLE PHASE 1.0 AMP SURFACE MOUNT BRIDGE RECTIFIERS
logo
SeCoS Halbleitertechnol...
DB101 SECOS-DB101_15 Datasheet
340Kb / 2P
1.0 Amp Surface Mount Bridge Rectifiers
DB101S SECOS-DB101S_15 Datasheet
324Kb / 2P
1.0 Amp Surface Mount Bridge Rectifiers
logo
Nanjing International G...
DB101GS DGNJDZ-DB101GS Datasheet
278Kb / 2P
SINGLE PHASE 1.0 AMP SURFACE MOUNT BRIDGE RECTIFIERS
logo
Bytesonic Electronics C...
DB101GS BYTESONIC-DB101GS Datasheet
210Kb / 2P
SINGLE PHASE 1.0 AMP SURFACE MOUNT BRIDGE RECTIFIERS
Version 1.4 2017/4/20
logo
Central Semiconductor C...
CBRDFSH1-40 CENTRAL-CBRDFSH1-40 Datasheet
807Kb / 6P
SURFACE MOUNT 1.0 AMP SILICON SCHOTTKY BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com