Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APL502LG Datasheet(PDF) 1 Page - Microsemi Corporation

Part # APL502LG
Description  LINEAR MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APL502LG Datasheet(HTML) 1 Page - Microsemi Corporation

  APL502LG Datasheet HTML 1Page - Microsemi Corporation APL502LG Datasheet HTML 2Page - Microsemi Corporation APL502LG Datasheet HTML 3Page - Microsemi Corporation APL502LG Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Symbol
V
DSS
I
D
I
DM
V
GS
V
GSM
P
D
T
J,TSTG
T
L
I
AR
E
AR
E
AS
STATIC ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS
All Ratings: T
C = 25°C unless otherwise specified.
CAUTION:
These Devices are Sensitive to Electrostatic Discharge. Proper Handling Procedures Should Be Followed.
Characteristic / Test Conditions / Part Number
Drain-Source Breakdown Voltage (V
GS = 0V, ID = 250 μA)
On State Drain Current 2 (V
DS > ID(ON) x RDS(ON) Max, VGS = 12V)
Drain-Source On-State Resistance 2 (V
GS = 12V, 29A)
Zero Gate Voltage Drain Current (V
DS = 500V, VGS = 0V)
Zero Gate Voltage Drain Current (V
DS = 400V, VGS = 0V, TC = 125°C)
Gate-Source Leakage Current (V
GS = ±30V, VDS = 0V)
Gate Threshold Voltage (V
DS = VGS, ID = 2.5mA)
MIN
TYP
MAX
500
58
0.09
25
250
±100
2
4
UNIT
Volts
Amps
Ohms
μA
nA
Volts
Symbol
BV
DSS
I
D(ON)
R
DS(ON)
I
DSS
I
GSS
V
GS(TH)
LINEAR MOSFET
Linear Mosfets are optimized for applications operating in the Linear
region where concurrent high voltage and high current can occur at
near DC conditions (>100 msec).
• Higher FBSOA
• Higher Power Dissipation
• Popular T-MAX™ or TO-264 Package
Parameter
Drain-Source Voltage
Continuous Drain Current @ T
C = 25°C
Pulsed Drain Current 1
Gate-Source Voltage Continuous
Gate-Source Voltage Transient
Total Power Dissipation @ T
C = 25°C
Linear Derating Factor
Operating and Storage Junction Temperature Range
Lead Temperature: 0.063" from Case for 10 Sec.
Avalanche Current 1 (Repetitive and Non-Repetitive)
Repetitive Avalanche Energy 1
Single Pulse Avalanche Energy 4
UNIT
Volts
Amps
Volts
Watts
W/°C
°C
Amps
mJ
APL502B2_L (G)
500
58
232
±30
±40
730
5.84
-55 to 150
300
58
50
3000
T-Max
TM
TO-264
G
D
S
Microsemi Website - http://www.microsemi.com
APL502B2(G)
APL502L(G)
500V, 58A, 0.090
Ω
*G Denotes RoHS Compliant, Pb Free Terminal Finish.


Similar Part No. - APL502LG

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APL502L ADPOW-APL502L Datasheet
71Kb / 4P
LINEAR MOSFET
More results

Similar Description - APL502LG

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APL502B2 ADPOW-APL502B2 Datasheet
71Kb / 4P
LINEAR MOSFET
APL502J ADPOW-APL502J Datasheet
74Kb / 4P
LINEAR MOSFET
logo
Microsemi Corporation
APTML10UM09R004T1AG MICROSEMI-APTML10UM09R004T1AG Datasheet
102Kb / 3P
Linear MOSFET Power Module
APTML20UM18R010T1AG MICROSEMI-APTML20UM18R010T1AG Datasheet
111Kb / 3P
Linear MOSFET Power Module
APTML60U12R020T1AG MICROSEMI-APTML60U12R020T1AG Datasheet
103Kb / 3P
Linear MOSFET Power Module
APTML100U60R020T1AG MICROSEMI-APTML100U60R020T1AG Datasheet
102Kb / 3P
Linear MOSFET Power Module
APTML102UM09R004T3AG MICROSEMI-APTML102UM09R004T3AG Datasheet
98Kb / 3P
Linear MOSFET Power Module
APTML202UM18R010T3AG MICROSEMI-APTML202UM18R010T3AG Datasheet
98Kb / 3P
Linear MOSFET Power Module
APTML1002U60R020T3AG MICROSEMI-APTML1002U60R020T3AG Datasheet
95Kb / 3P
Linear MOSFET Power Module
APTML502UM90R020T3AG MICROSEMI-APTML502UM90R020T3AG_10 Datasheet
99Kb / 3P
Linear MOSFET Power Module
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com