Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMX1 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # EMX1
Description  General Purpose Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

EMX1 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  EMX1 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH EMX1 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH EMX1 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Elektronische Bauelemente
EMX1
0.15 W, 150 mA, 60 V
Plastic-Encapsulated
General Purpose Transistors (Dual)
01-June-2005 Rev. A
Page 1 of 3
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
SOT-563
Dimensions in inches and (millimeters)
.051(1.30)
.043(1.10)
.012(0.30)
.004(0.10)
.067(1.70)
.059(1.50)
.067(1.70)
.059(1.50)
.022(0.55)
.018(0.45)
.011(0.27)
.007(0.17)
o
.006(0.16)
.004(0.09)
7 REF.
7o RE .
.002(0.05)
.000(0.00)
.024(0.60)
.021(0.525)
(3)
(2)
(1)
(4)
(6)
(5)
Tr
Tr1
2
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Two 2SC2412K chips in a SOT-563 package.
Mounting possible with SOT-563 automatic mounting machines.
Transistor elements are independent, eliminating interference.
Mounting cost and area can be cut in half.
MARKING
EQUIVALENT CIRCUIT
ABSOLUTE MAXIMUM RATINGS (T
A = 25°C unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Collector-Base Voltage
VCBO
60
V
Collector-Emitter Voltage
VCEO
50
V
Emitter-Base Voltage
VEBO
7
V
Collector Current – Continuous
IC
0.15
A
Collector Power Dissipation
PC
0.15
W
Junction & Storage temperature
TJ, TSTG
150, -55~150
℃
ELECTRICAL CHARACTERISTICS (T
A = 25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Collector-Base Breakdown Voltage
V(BR)CBO
60
-
-
V
IC=50μA, IE=0
Collector-Emitter Breakdown Voltage
V(BR)CEO
50
-
-
V
IC=1mA, IB=0
Emitter-Base Breakdown Voltage
V(BR)EBO
7
-
-
V
IE=50μA, IC=0
Collector Cut-Off Current
ICBO
-
-
0.1
μA
VCB=60V, IE=0
Emitter Cut-Off Current
IEBO
-
-
0.1
μA
VEB=7V, IC=0
DC Current Gain
hFE
120
-
560
VCE=6V, IC=1mA
Collector-Emitter Saturation Voltage
VCE(sat)
-
-
0.4
V
IC=50mA, IB=5mA
Transition Frequency
fT
-
180
-
MHz
VCE=12V, IC=2mA, f=100MHz
Collector Output Capacitance
Cob
-
2.0
3.5
pF
VCB=12V, IE=0, f=1MHz
X1
1


Similar Part No. - EMX1

ManufacturerPart #DatasheetDescription
logo
Rohm
EMX1 ROHM-EMX1 Datasheet
91Kb / 4P
General purpose transistors (dual transistors)
EMX1 ROHM-EMX1 Datasheet
93Kb / 4P
General purpose transistors (dual transistors)
logo
Jiangsu Changjiang Elec...
EMX1 JIANGSU-EMX1 Datasheet
3Mb / 4P
DUAL TRANSISTOR(NPNNPN)
logo
Rohm
EMX1 ROHM-EMX1 Datasheet
93Kb / 4P
General purpose transistors(dual transistors)
EMX18 ROHM-EMX18 Datasheet
38Kb / 3P
General purpose transistors (dual transistors)
More results

Similar Description - EMX1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N4403 ONSEMI-2N4403 Datasheet
106Kb / 7P
General Purpose Transistors
March, 2007 ??Rev. 3
MMBT2131T1 ONSEMI-MMBT2131T1_06 Datasheet
66Kb / 4P
General Purpose Transistors
January, 2006 ??Rev. 4
MMBT2222LT1G ONSEMI-MMBT2222LT1G_09 Datasheet
132Kb / 7P
General Purpose Transistors
October, 2009 ??Rev. 9
logo
WILLAS ELECTRONIC CORP
MMBT3906TT1 WILLAS-MMBT3906TT1 Datasheet
378Kb / 6P
General Purpose Transistors
2SA812XLT1 WILLAS-2SA812XLT1 Datasheet
351Kb / 5P
General Purpose Transistors
BC817-XXLT1 WILLAS-BC817-XXLT1 Datasheet
164Kb / 3P
General Purpose Transistors
logo
First Silicon Co., Ltd
BC807S FS-BC807S Datasheet
107Kb / 3P
General Purpose Transistors
BC847E FS-BC847E Datasheet
427Kb / 5P
General Purpose Transistors
logo
ON Semiconductor
BCH807-16L ONSEMI-BCH807-16L Datasheet
208Kb / 11P
General Purpose Transistors
February, 2020 ??Rev. 0
logo
Shanghai Leiditech Elec...
L9012PLT1G LEIDITECH-L9012PLT1G Datasheet
273Kb / 2P
General Purpose Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com