Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

608G Datasheet(PDF) 6 Page - Microsemi Corporation

Part # 608G
Description  Phase leg Intelligent Power Module
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

608G Datasheet(HTML) 6 Page - Microsemi Corporation

  608G Datasheet HTML 1Page - Microsemi Corporation 608G Datasheet HTML 2Page - Microsemi Corporation 608G Datasheet HTML 3Page - Microsemi Corporation 608G Datasheet HTML 4Page - Microsemi Corporation 608G Datasheet HTML 5Page - Microsemi Corporation 608G Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
APTLGT400A608G
www.microsemi.com
6- 6
Typical diode Performance Curve
Energy losses vs Collector Current
0
4
8
12
16
0
200
400
600
800
IF (A)
VR = 300V
TJ = 150°C
Maximum Effective Transient Thermal Impedance, Junction to Case vs Pulse Duration
D = 0.9
0.7
0.5
0.3
0.1
0.05
Single Pulse
0
0.04
0.08
0.12
0.16
0.2
0.24
0.00001
0.0001
0.001
0.01
0.1
1
10
Rectangular Pulse Duration in Seconds
Forward Characteristic of diode
TJ=25°C
TJ=150°C
0
100
200
300
400
500
600
700
800
0
0.4
0.8
1.2
1.6
2
2.4
VF (V)
Microsemi reserves the right to change, without notice, the specifications and information contained herein



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com