Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APTM120U10DAG Datasheet(PDF) 6 Page - Microsemi Corporation

Part # APTM120U10DAG
Description  Single switch with Series diodes MOSFET Power Module
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APTM120U10DAG Datasheet(HTML) 6 Page - Microsemi Corporation

  APTM120U10DAG Datasheet HTML 1Page - Microsemi Corporation APTM120U10DAG Datasheet HTML 2Page - Microsemi Corporation APTM120U10DAG Datasheet HTML 3Page - Microsemi Corporation APTM120U10DAG Datasheet HTML 4Page - Microsemi Corporation APTM120U10DAG Datasheet HTML 5Page - Microsemi Corporation APTM120U10DAG Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
APTM120U10DAG
www.microsemi.com
6 – 6
Delay Times vs Current
td(on)
td(off)
0
50
100
150
200
250
300
30
60
90
120
150
180
ID, Drain Current (A)
VDS=800V
RG=1.2Ω
TJ=125°C
L=100µH
Rise and Fall times vs Current
tr
tf
0
20
40
60
80
100
30
60
90
120
150
180
ID, Drain Current (A)
VDS=800V
RG=1.2Ω
TJ=125°C
L=100µH
Switching Energy vs Current
Eon
Eoff
0
4
8
12
16
30
60
90
120
150
180
ID, Drain Current (A)
VDS=800V
RG=1.2Ω
TJ=125°C
L=100µH
Eon
Eoff
Eoff
4
8
12
16
20
24
02
46
8
Gate Resistance (Ohms)
Switching Energy vs Gate Resistance
VDS=800V
ID=116A
TJ=125°C
L=100µH
Hard
switching
ZCS
0
25
50
75
100
125
150
175
30
50
70
90
110
ID, Drain Current (A)
Operating Frequency vs Drain Current
VDS=800V
D=50%
RG=1.2Ω
TJ=125°C
TC=75°C
TJ=25°C
TJ=150°C
1
10
100
1000
0.2 0.4 0.6 0.8
1
1.2 1.4 1.6 1.8
VSD, Source to Drain Voltage (V)
Source to Drain Diode Forward Voltage
Microsemi reserves the right to change, without notice, the specifications and information contained herein
Microsemi's products are covered by one or more of U.S patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522
5,262,336 6,503,786 5,256,583 4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 and foreign patents. U.S and Foreign patents pending. All Rights Reserved.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com