Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR200100CT Datasheet(PDF) 1 Page - Microsemi Corporation

Part # MBR200100CT
Description  Schottky PowerMod
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MBR200100CT Datasheet(HTML) 1 Page - Microsemi Corporation

  MBR200100CT Datasheet HTML 1Page - Microsemi Corporation MBR200100CT Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ROHS Compliant
Schottky PowerMod
Thermal and Mechanical Characteristics
4.0 mA
75 mA
2 Amps
2000 Amps
Electrical Characteristics
*Pulse test: Pulse width 300µsec, Duty cycle 2%
Baseplate: Nickel plated
copper
D=Doubler
Baseplate
Common Cathode
Baseplate
A=Common Anode
Baseplate
0.98 Volts
.86 Volts
3000 pF
CPT20080-CPT200100
200 Amps
100 Amps
Mounting Base Torque (center hole)
center hole must be torqued first
Weight
Mounting Base Torque (outside holes)
Terminal Torque
Typical thermal resistance (greased)
Max thermal resistance per leg
Operating junction temp range
Storage temp range
Maximum repetitive reverse current per leg
Typical junction capacitance per leg
Max peak reverse current per leg
Max peak reverse current per leg
Typical forward voltage per leg
Max peak forward voltage per leg
Maximum surge current per leg
Average forward current per leg
Average forward current per pkg
C
STG
OCS
OJC
R
R
TJ
T
J
F(AV)
R(OV)
RM
RM
FSM
V
I
FM
I
I
FM
V
I
F(AV)
I
I
Catalog Number
H
Q
Reverse Voltage
Working Peak
*Add Suffix A for Common Anode, D for Doubler
80V
90V
100V
CPT200100*
CPT20090*
CPT20080*
Microsemi
U
N
W
F
V
E
Notes:
Repetitive Peak
Reverse Voltage
80V
90V
100V
U
C
B
G
R
A
C = 135°C, Square wave,
0JC =0.20°C/W
C = 135°C, Square wave,
0JC =0.40°C/W
30-40 inch pounds
8-10 inch pounds
2.8 ounces (75 grams) typical
Case to sink
Junction to case
-55°C to 175°C
-55°C to 175°C
35-50 inch pounds
R = 5.0V, C = 25°C
RRM, J = 25°C
RRM, J = 125°C*
FM = 200A: J = 175°C*
FM = 200A: J = 25°C*
f = 1 KHZ, 25°C, 1µsec square wave
8.3ms, half sine, J = 175°C
V
0.08°C/W
0.40°C/W
T
I
V
V
I
T
T
T
T
T
T
T
R
R
Dia.
Dia.
Notes
1/4-20
175 C Junction Temperature
Reverse Energy Tested
Guard Ring Protection
Schottky Barrier Rectifier
0.800
0.630
0.130
0.510
---
0.290
---
0.340
0.195
3.150 BSC
---
200 Amperes/ 80 to 100 Volts
N
U 0.600
0.312
0.180
W
V
0.275
---
Q
R
1.375 BSC
0.490
0.010
G
H
F
0.700
---
0.120
C
E
B
34.92 BSC
80.01 BSC
15.24
7.92
4.57
---
6.99
17.78
---
3.05
12.45
0.25
7.37
---
8.64
4.95
---
20.32
16.00
3.30
12.95
---
Dim. Inches
3.630
Max.
Min.
---
A
Millimeters
---
Min.
92.20
Max.
Max thermal resistance per pkg
OJC
R
Junction to case
0.20°C/W
Part Number
203CNQ080
Industry
MBR12080CT
MBR20080CT
MBR120100CT
MBR200100CT
203CNQ100
January, 2010 - Rev. 4
www.microsemi.com


Similar Part No. - MBR200100CT

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MBR200100CT MCC-MBR200100CT Datasheet
414Kb / 3P
200 Amp Rectifier 20 to 100 Volts Schottky Barrier
logo
TRANSYS Electronics Lim...
MBR200100CT TEL-MBR200100CT Datasheet
133Kb / 2P
SCHOTTKY DIODES MODULE TYPE 200A
logo
America Semiconductor, ...
MBR200100CT AMERICASEMI-MBR200100CT Datasheet
446Kb / 2P
HIGH POWER -SCHOTTKY RECTIFIERS
logo
New Jersey Semi-Conduct...
MBR200100CT NJSEMI-MBR200100CT Datasheet
47Kb / 1P
200 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
GeneSiC Semiconductor, ...
MBR200100CT GENESIC-MBR200100CT Datasheet
712Kb / 3P
Silicon Power Schottky Diode
More results

Similar Description - MBR200100CT

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
CPT12035 MICROSEMI-CPT12035 Datasheet
148Kb / 2P
Schottky PowerMod
CPT20230 MICROSEMI-CPT20230 Datasheet
145Kb / 2P
Schottky PowerMod
CPT40080 MICROSEMI-CPT40080 Datasheet
149Kb / 2P
Schottky PowerMod
FST19235 MICROSEMI-FST19235 Datasheet
151Kb / 2P
Schottky PowerMod
CPT60035 MICROSEMI-CPT60035 Datasheet
160Kb / 2P
SCHOTTKY POWERMOD
CPT40030 MICROSEMI-CPT40030 Datasheet
171Kb / 2P
Schottky PowerMod
CPT600180 MICROSEMI-CPT600180 Datasheet
159Kb / 2P
SCHOTTKY POWERMOD
CPT20035 MICROSEMI-CPT20035_10 Datasheet
122Kb / 2P
Schottky PowerMod
CPT30060 MICROSEMI-CPT30060_10 Datasheet
123Kb / 2P
Schottky PowerMod
FST15230 MICROSEMI-FST15230_10 Datasheet
120Kb / 2P
Schottky PowerMod
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com