Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IP317 Datasheet(PDF) 4 Page - Seme LAB

Part # IP317
Description  1.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR FOR HI-REL APPLICATIONS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

IP317 Datasheet(HTML) 4 Page - Seme LAB

  IP317 Datasheet HTML 1Page - Seme LAB IP317 Datasheet HTML 2Page - Seme LAB IP317 Datasheet HTML 3Page - Seme LAB IP317 Datasheet HTML 4Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Improving Ripple Rejection
2816 EEPROM Supply Programmer for
Read/Write Control
Temperature Compensated
Lead–Acid Battery Charger
Note:
To order, add the package
identifier to the part number.
eg.
IP117AHVK
IP1175SMD05
IP317T
Prelim. 8/00
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
IP117, IP117A
IP317, IP317A
LM117, LM117A
249
Ω
1%
ADJ
IP317A
VIN
VOU T
1
µF
+24V
To
750
Ω
1%
3.24k
Ω
1%
VPP
39k
Ω
18k
Ω
100k
Ω
To OE
READ
WRITE
BYTE ERASE
CHIP ERASE
All gates 7406.
R1
121
Ω
ADJ
IP317A
VIN
VOU T
1
µF
VIN
C1
10
µF
5V
R2
383
Ω
20k
Ω
10k
Ω
50
Ω
2N3906
243
Ω
ADJ
IP317A
VIN
VOU T
VIN
1N4001
50k
Ω
12V
THERMALLY
COUPLE
Remote Sensing
5V Regulator with Shut Down
OE
VPP
READ
0V
5V
WRITE
BYTE
5V
21V
CHIP ERASE 12V
21V
APPLICATIONS INFORMATION
C1 improves ripple rejection.
XC should be small compared to R2.
IG–Pack
Part
G–Pack
K–Pack
R–Pack
T–Pack
Temp.
Number
(TO257)
SMD1
SMD05
(TO3)
(TO66)
(TO220)
Range
LM117
✔
✔
✔✔✔
-55 to +150°C
LM117HV
✔
✔
✔✔✔
”
LM117A
✔
✔
✔✔✔
”
LM117AHV
✔
✔
✔✔✔
”
IP117
✔
✔
✔✔✔
-55 to +150°C
IP117HV
✔
✔
✔✔✔
”
IP117A
✔
✔
✔✔✔
”
IP117AHV
✔
✔
✔✔✔
”
LM317
✔✔
0 to 125°C
LM317HV
✔✔
”
IP317
✔✔
”
IP317HV
✔✔
”
IP317A
✔✔
”
IP317AHV
✔✔
”
Order Information
1k
Ω
1k
Ω
383
Ω
121
Ω
ADJ
IP 317A
VIN
VOUT
2N3904
TTL
1
µF
VIN
V
OUT
5V
ADJ
IP317A
RETURN
121
Ω
383
Ω
LM301A
8
6
4
3
2
7
1
25
Ω
5
µF
1k
Ω
25
Ω
VIN
(Max Drop 300mV)
OUTPUT
VIN
VIN
VOUT
R
P
R L
RETURN



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com