Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBT589 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # MMBT589
Description  General Purpose Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

MMBT589 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  MMBT589 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH MMBT589 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH MMBT589 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Any changing of specification will not be informed individual
MMBT589
PNP Silicon
General Purpose Transistor
Collector
3
1 Base
2
Emitter
Dim
Min
Max
A
2.800
3.040
B
1.200
1.400
C
0.890
1.110
D
0.370
0.500
G
1.780
2.040
H
0.013
0.100
J
0.085
0.177
K
0.450
0.600
L
0.890
1.020
S
2.100
2.500
V
0.450
0.600
All Dimension in mm
SOT-23
K
J
C
H
L
A
B S
G
V
3
1
2
D
Top View
http://www.SeCoSGmbH.com
Elektronische Bauelemente
1
2
3
FEATURES
MAXIMUM RATINGS* TA=25℃ unless otherwise noted
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
-50
V
VCEO
Collector-Emitter Voltage
-30
V
VEBO
Emitter-Base Voltage
-5
V
IC
Collector Current -Continuous
-2
A
PD
Total Device Dissipation
310
mW
RθJA
Thermal Resistance,junction to Ambient
403
℃/W
TJ, Tstg
Junction and Storage Temperature
-55-150
℃
MARKING :589
ELECTRICAL
CHARACTERISTICS(Tamb=25℃
unless
otherwise
specified)
Parameter
Symbol
Test
conditions
MIN
TYP
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
Ic=-100µA,IE=0
-50
V
Collector-emitter breakdown voltage
V(BR)CEO
Ic=-10mA,IB=0
-30
V
Emitter-base breakdown voltage
V(BR)EBO
IE=-100µA,IC=0
-5
V
Collector cut-off current
ICBO
VCB=-30V,IE=0
-0.1
µA
Collector-emitter cut-off current
ICES
VCES=-30V
-0.1
µA
Emitter cut-off current
IEBO
VEB=-4V,IC=0
-0.1
µA
hFE1
VCE=-2V,IC=-1mA
100
hFE2
VCE=-2V,IC=-500mA
100
300
hFE3
VCE=-2V,IC=-1A
80
DC current gain
hFE4
VCE=-2V,IC=-2A
40
VCE(sat)1
IC= -500mA, IB=-50 mA
-0.25
V
VCE(sat)2
IC= -1A, IB=-100 mA
-0.3
V
Collector-emitter saturation voltage
VCE(sat)3
IC= -2A, IB=-200 mA
-0.65
V
Base-emitter saturation voltage
VBE(sat)
IC= -1A, IB=-100 mA
-1.2
V
Base-emitter Turn-on voltage
VBE(on)
VCE=-2V, IC=-1A
-1.1
V
Transition frequency
fT
VCE=-5V, IC=-100 mA ,
f =100MHz
100
MHz
Collector Output Capacitance
Cob
f=1MHZ
15
pF
01-Jun-2002 Rev. A
Page 1 of 3
RoHS Compliant Product
A suffix of "-C" specifies halogen & lead-free


Similar Part No. - MMBT589

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
MMBT589 BILIN-MMBT589 Datasheet
198Kb / 4P
PNP General Purpose Transistor
logo
Shenzhen Jin Yu Semicon...
MMBT589 HTSEMI-MMBT589 Datasheet
881Kb / 2P
TRANSISTOR(PNP)
logo
Galaxy Semi-Conductor H...
MMBT589 BILIN-MMBT589 Datasheet
166Kb / 4P
PNP General Purpose Transistor
logo
Jiangsu High diode Semi...
MMBT589 HDSEMI-MMBT589 Datasheet
2Mb / 4P
SOT-23 Plastic-Encapsulate Transistors
logo
Foshan Blue Rocket Elec...
MMBT589 FOSHAN-MMBT589 Datasheet
1Mb / 6P
Silicon PNP transistor in a SOT-23 Plastic Package
More results

Similar Description - MMBT589

ManufacturerPart #DatasheetDescription
logo
Rohm
EML17 ROHM-EML17 Datasheet
76Kb / 4P
General purpose transistor
logo
SeCoS Halbleitertechnol...
2SA673 SECOS-2SA673_11 Datasheet
360Kb / 2P
General Purpose Transistor
BCP772 SECOS-BCP772 Datasheet
493Kb / 2P
General Purpose Transistor
KSD471A SECOS-KSD471A Datasheet
202Kb / 2P
General Purpose Transistor
KTC3198 SECOS-KTC3198 Datasheet
109Kb / 3P
General Purpose Transistor
MMBT593 SECOS-MMBT593 Datasheet
355Kb / 2P
General Purpose Transistor
MMBT2222Q SECOS-MMBT2222Q Datasheet
257Kb / 4P
General Purpose Transistor
MMBT3904W SECOS-MMBT3904W Datasheet
419Kb / 6P
General Purpose Transistor
PZT3904 SECOS-PZT3904 Datasheet
188Kb / 5P
General Purpose Transistor
logo
WILLAS ELECTRONIC CORP
MMBT2907AWT1 WILLAS-MMBT2907AWT1 Datasheet
285Kb / 3P
General Purpose Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com