Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FST8115 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # FST8115
Description  Schottky Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

FST8115 Datasheet(HTML) 1 Page - Microsemi Corporation

  FST8115_10 Datasheet HTML 1Page - Microsemi Corporation FST8115_10 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ROHS Compliant
Schottky Diode
Electrical Characteristics
F(AV) 80 Amps
F(AV) 40 Amps
FSM 800 Amps
R(OV)
2 Amps
FM 0.32 Volts
FM 0.44 Volts
RM 1.0 Amp
J
4000 pF
RM 10 mA
Thermal and Mechanical Characteristics
*Pulse test: Pulse width 300µsec, Duty cycle 2%
FST8115, FST8120
R
Mounting Base Torque
Typical thermal resistance (greased)
Weight
0CS
Average forward current per pkg
Average forward current per leg
Maximum surge current per leg
Max repetitive peak reverse current per leg
Max peak forward voltage per leg
Max peak forward voltage per leg
Max peak reverse current per leg
Max peak reverse current per leg
Typical junction capacitance per leg
Max thermal resistance per leg
Max thermal resistance per pkg
Operating junction temp range
Storage temp range
0JC
0JC
R
R
J
T
STG
T
C
I
V
V
I
I
I
I
I
Catalog Number
Microsemi
FST8120*
Reverse Voltage
Working Peak
20V
C = 107°C, Square wave,
0JC = 0.5°C/W
C = 107°C, Square wave,
0JC = 1.0°C/W
Case to sink
10 inch pounds maximum
0.3 ounce (8.4 grams) typical
0.3°C/W
8.3 ms, half sine,
J = 125°C
f = 1 KHZ, 25°C, 1µsec square wave
FM = 40A:
J = 125°C
FM = 40A:
J = 25°C
RRM,
J = 125°C*
RRM,
J = 25°C
R = 5.0V,
C = 25°C
T
Junction to case
Junction to case
1.0°C/W
0.5°C/W
-55°C to 125°C
-55°C to 125°C
V
V
T
I
V
I
T
T
T
T
T
T
*
R
R
Repetitive Peak
Reverse Voltage
20V
Common Cathode
A=Common Anode
D=Doubler
N 2-PLCS
L
Note: Baseplate Common with Pin 2
3 PINS eq sp at .200
K
C
G
M
H
J
1
2
1
2
P
A
1
2
F
3
E
1
2
Notes
Dia.
9.40
8.89
.350
E
.370
.025
.161
.085
.480
.135
.260
.098
.715
1.510
3
N
P
M
L
3
H
J
K
G
F
.151
.015
.460
.065
.088
.240
.115
1.490
.695
3.84
0.38
11.68
1.65
2.24
6.10
2.92
37.85
17.65
12.19
4.09
0.64
2.16
18.16
38.35
2.49
6.60
3.43
1.195
Maximum
.037
Dim. Inches
3
C
A
Minimum
1.180
.027
Minimum
Millimeter
29.97
0.69
30.35
Maximum
0.94
*Add the Suffix A for Common Anode, D for Doubler
87CNQ020A
Industry
Part Number
FST8115*
15V
15V
Low forward voltage
2X40 Amperes avg.
Guard ring protection
Schottky Barrier Rectifier
Reverse energy tested
125°C Junction temperature
Common cathode center tap
January, 2010 - Rev. 5
www.microsemi.com


Similar Part No. - FST8115_10

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
FST8115 MICROSEMI-FST8115 Datasheet
142Kb / 2P
Schottky Oring Diode
More results

Similar Description - FST8115_10

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
BAT42W-43W JIANGSU-BAT42W-43W Datasheet
321Kb / 3P
SCHOTTKY DIODE
logo
Central Semiconductor C...
CPD76V CENTRAL-CPD76V Datasheet
36Kb / 1P
Schottky Diode 1.0A Schottky Diode Chip
logo
TRANSYS Electronics Lim...
BAS40 TEL-BAS40 Datasheet
66Kb / 1P
SCHOTTKY DIODE
logo
International Rectifier
MBR0520 IRF-MBR0520 Datasheet
116Kb / 6P
SCHOTTKY DIODE
logo
Guilin Strong Micro-Ele...
GMBAS70 GSME-GMBAS70 Datasheet
616Kb / 2P
SCHOTTKY DIODE
logo
Shenzhen Luguang Electr...
BAS40W LUGUANG-BAS40W Datasheet
314Kb / 2P
Schottky Diode
logo
GeneSiC Semiconductor, ...
FST16030L GENESIC-FST16030L Datasheet
360Kb / 3P
Schottky Diode
logo
Central Semiconductor C...
CMLM0605 CENTRAL-CMLM0605_15 Datasheet
518Kb / 3P
SCHOTTKY DIODE
CMLM3405 CENTRAL-CMLM3405_15 Datasheet
518Kb / 3P
SCHOTTKY DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com