Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBT3906T Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # MMBT3906T
Description  General Purpose Transistors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

MMBT3906T Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  MMBT3906T Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH MMBT3906T Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH MMBT3906T Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH MMBT3906T Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH MMBT3906T Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MMBT3906T
PNP Silicon
General Purpose Transistors
Elektronische Bauelemente
12-Apr-2010 Rev. A
Page 1 of 5
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Simplifies Circuit Design.
We Declare that the material of product compliance with
RoHS requirements.
ORDERING INFORMATION
Device
Marking
Shipping
MMBT3906T
2A
3000/Tape&Reel
MAXIMUM RATINGS (at Ta = 25°C unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Collector - Emitter Voltage
VCEO
-40
Vdc
Collector - Base Voltage
VCBO
-40
Vdc
Emitter - Base Voltage
VEBO
-5.0
Vdc
Collector Current - Continuous
IC
-200
mAdc
Total Device Dissapation FR-4 Board
(1)
TA=25℃, Derate above 25℃
PD
200
mW
1.6
mW/℃
Thermal Resistance, Junction to Ambient
RθJA
600
℃
/ W
Total Device Dissapation FR-4 Board
(2)
TA=25℃, Derate above 25℃
PD
300
mW
2.4
mW/℃
Thermal Resistance, Junction to Ambient
RθJA
400
℃
/ W
Junction & Storage Temperature
TJ, TSTG
-55 ~ 150
℃
1.
FR-4 Minimum Pad.
2.
FR-4 1.0 X 1.0 Inch Pad.
3.
Pulse Test:Pulse Width
300
≦
µs, Duty Cycle
2.0
≦
%
.
DEVICE MARKING
MMBT3906T = 2A
SOT-523
REF.
Millimeter
REF.
Millimeter
Min.
Max.
Min.
Max.
A
1.50
1.70
K
0.30
0.50
B
0.75
0.95
M
---
10
o
C
0.60
0.80
N
---
10
o
D
0.23
0.33
S
1.50
1.70
G
0.50BSC
J
0.10
0.20


Similar Part No. - MMBT3906T

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMBT3906T DIODES-MMBT3906T Datasheet
55Kb / 3P
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30271 Rev. 2 - 2
MMBT3906T DIODES-MMBT3906T Datasheet
432Kb / 4P
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30271 Rev. 6 - 2
logo
Fairchild Semiconductor
MMBT3906T FAIRCHILD-MMBT3906T Datasheet
133Kb / 4P
PNP Epitaxial Silicon Transistor
logo
Weitron Technology
MMBT3906T WEITRON-MMBT3906T Datasheet
413Kb / 6P
General Purpose Transistor PNP Silicon
logo
Micro Commercial Compon...
MMBT3906T MCC-MMBT3906T Datasheet
120Kb / 4P
NPN General Purpose Amplifier
More results

Similar Description - MMBT3906T

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N4403 ONSEMI-2N4403 Datasheet
106Kb / 7P
General Purpose Transistors
March, 2007 ??Rev. 3
logo
SeCoS Halbleitertechnol...
EMX1 SECOS-EMX1 Datasheet
516Kb / 3P
General Purpose Transistors
logo
ON Semiconductor
MMBT2131T1 ONSEMI-MMBT2131T1_06 Datasheet
66Kb / 4P
General Purpose Transistors
January, 2006 ??Rev. 4
MMBT2222LT1G ONSEMI-MMBT2222LT1G_09 Datasheet
132Kb / 7P
General Purpose Transistors
October, 2009 ??Rev. 9
logo
WILLAS ELECTRONIC CORP
MMBT3906TT1 WILLAS-MMBT3906TT1 Datasheet
378Kb / 6P
General Purpose Transistors
2SA812XLT1 WILLAS-2SA812XLT1 Datasheet
351Kb / 5P
General Purpose Transistors
BC817-XXLT1 WILLAS-BC817-XXLT1 Datasheet
164Kb / 3P
General Purpose Transistors
logo
First Silicon Co., Ltd
BC807S FS-BC807S Datasheet
107Kb / 3P
General Purpose Transistors
BC847E FS-BC847E Datasheet
427Kb / 5P
General Purpose Transistors
logo
Shanghai Leiditech Elec...
L9012PLT1G LEIDITECH-L9012PLT1G Datasheet
273Kb / 2P
General Purpose Transistors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com