Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBTA55 Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # MMBTA55
Description  Driver Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

MMBTA55 Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  MMBTA55 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH MMBTA55 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH MMBTA55 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH MMBTA55 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ELECTRICAL CHARACTERISTICS (TA = 25
unless otherwise noted)
CHARACTERISTIC
SYMBOL
Min.
Max.
UNIT
OFF CHARACTERISTICS
Collector - Emitter Breakdown Voltage
(3)
MMBTA55
-60
-
(IC = -1.0 mA, IB = 0)
MMBTA56
V(BR)CEO
-80
-
V
Emitter - Base Breakdown Voltage
(IE = -100 µA, IC = 0)
V(BR)EBO
-4.0
-
V
Collector Cutoff Current
(VCE = -60 V, IB = 0 V)
ICES
-
-0.1
nA
Collector Cutoff Current
(VCB = -60 V, IE = 0)
MMBTA55
-
-0.1
(VCB = -80 V, IE = 0)
MMBTA56
ICBO
-
-0.1
µA
ON CHARACTERISTICS
DC Current Gain
(IC = -10 mA, VCE = -1.0 V)
100
-
(IC = -100 mA, VCE = -1.0 V)
hFE
100
-
-
Collector - Emitter Saturation Voltage
(IC = -100 mA, IB = -10 mA)
VCE(sat)
-
-0.25
V
Base - Emitter Saturation Voltage
(IC = -100 mA, Vce =-1.0V)
VBE(ON)
--1.2
V
SMALL - SIGNAL CHARACTERISTICS
Current - Gain - Bandwidth Product
(4)
(IC = -100 mA, VCE = -1.0 V, f = 100 MHz)
fT
50
-MHz
3. Pulse Test: Pulse Width
300 µs, Duty Cycle
2.0 %.
4. fT is defined as the frequency at which | hfe | extrapolates to unity.
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
Figure 1. Switching Time Test Circuits
OUTPUT
TURN-ON TIME
-1.0 V
VCC
+40 V
RL
* CS t 6.0 pF
RB
100
100
Vin
5.0 mF
tr = 3.0 ns
0
+10 V
5.0 ms
OUTPUT
TURN-OFF TIME
+VBB
VCC
+40 V
RL
* CS t 6.0 pF
RB
100
100
Vin
5.0 mF
tr = 3.0 ns
5.0 ms
*Total Shunt Capacitance of Test Jig and Connectors
For PNP Test Circuits, Reverse All Voltage Polarities
01-Jun-2002 Rev. A
Page 2 of 4
Elektronische Bauelemente
MMBTA55 / MMBTA56
PNP Silicon
Driver Transistor



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com