Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LX1995-1CSG Datasheet(PDF) 5 Page - Microsemi Corporation

Part # LX1995-1CSG
Description  Miniature LED Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX1995-1CSG Datasheet(HTML) 5 Page - Microsemi Corporation

  LX1995-1CSG Datasheet HTML 1Page - Microsemi Corporation LX1995-1CSG Datasheet HTML 2Page - Microsemi Corporation LX1995-1CSG Datasheet HTML 3Page - Microsemi Corporation LX1995-1CSG Datasheet HTML 4Page - Microsemi Corporation LX1995-1CSG Datasheet HTML 5Page - Microsemi Corporation LX1995-1CSG Datasheet HTML 6Page - Microsemi Corporation LX1995-1CSG Datasheet HTML 7Page - Microsemi Corporation LX1995-1CSG Datasheet HTML 8Page - Microsemi Corporation LX1995-1CSG Datasheet HTML 9Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
LX1995
PRODUCTION DATA SHEET
Microsemi
Integrated Products Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 5
Miniature LED Driver
Copyright
© 2000
Rev. 1.1, 2005-07-07
TM
®
APPLI CATI ON CI RCUITS
LX1995
V
BAT = 2.0V to 5.0V
IN
SHDN
GND
FB
SW
L
1
10
µH
1206 Case Size
C
1
0.1
µF
R
1
15
D
1
ON OFF
R
2
11.2k
R
3
90.9k
C
2
0.1
µF
R
4
9.09k
>10kHz
V
PWM = 3.3V
DC = 10% to 90%
I
LED = 0mA to 20mA
Figure 4 – PWM to Analog Voltage Dimming LED Driver Application
C
1
.1
µF
L
1
10µH
1206 Case Size
LX1995
GND
FB
SW
SHDN
IN
V
BAT = 2.0V to 5.0V
On
Off
R
2R
2R - RA
LSB
MSB
VCC
VCC
RA
320mV
RA = (0.64 x R) / VCC
LSB
MSB
ILED
11
10
0
1
0.75 x IMAX
00
IMAX
RCS
Rcs = (0.32 x R) / {[R - (0.375 x RA)] x IMAX}
0.50 x IMAX
0.25 x IMAX
Figure 5 – Binary Dimming LED Driver Application
The component values shown are only examples for a working system. Actual values will vary greatly depending on desired parameters, efficiency, and layout
constraints.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com