Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LX2202 Datasheet(PDF) 9 Page - Microsemi Corporation

Part # LX2202
Description  TM 2A Li-Ion Linear Charger and Power Control
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX2202 Datasheet(HTML) 9 Page - Microsemi Corporation

Back Button LX2202 Datasheet HTML 4Page - Microsemi Corporation LX2202 Datasheet HTML 5Page - Microsemi Corporation LX2202 Datasheet HTML 6Page - Microsemi Corporation LX2202 Datasheet HTML 7Page - Microsemi Corporation LX2202 Datasheet HTML 8Page - Microsemi Corporation LX2202 Datasheet HTML 9Page - Microsemi Corporation LX2202 Datasheet HTML 10Page - Microsemi Corporation LX2202 Datasheet HTML 11Page - Microsemi Corporation LX2202 Datasheet HTML 12Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
LX2202
PRODUCTION DATA SHEET
Microsemi
Integrated Products Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 9
Copyright
© 2004
Rev. 1.0a, 2006-02-09
2A Li-Ion Linear Charger and Power Control
TM
®
TH EORY OF O PERAT ION
GENERAL DESCRIPTION
The LX2202 is designed to charge a single cell Lithium
Ion battery using two steps: a constant current step
followed by a constant voltage step. The basic charger
function uses the VDD pins as an input and BAT pins as
the output. The LX2202 charger has a programmable
maximum current (programmable by the resistor value
between pin CCP to GND) which is the maximum
charging current during the Constant Current Mode of the
charging profile.
The low dropout of the pass element
allows the battery to be charged from a loosely regulated
power supply. In the Constant Voltage Mode, the battery
terminal voltage can be regulated to 4.1V or 4.2V by
strapping the VM pin to VDD or GND, respectively. The
charger will terminate constant voltage charging once the
current
drops
below
the
minimum
current
setting
(programmable by the resistor value between pin CTP to
GND).
The LX2202 has an integrated thermostat with a linear
thermal regulation loop that will throttle back the charging
current to prevent the internal die temperature from
exceeding 150ºC.
This feature prevents damage to the
system board when the IC exceeds its thermal temperature.
CURRENT CHARGE MODE
A conditioning current is applied to batteries that are
deeply discharged and have a terminal voltage less than
60% of the constant voltage level. The conditioning current
is 5% of the CCP programmable constant current level
(except where it might be limited in the USB states). Once
the battery terminal voltage exceeds the 60% level, the full
constant current level is applied (unless charging current is
limited by one of the other charger control loops).
CHARGE TERMINATION MODE
To increase system battery life and avoid float charging,
the LX2202 turns off the pass element once the battery has
been fully charged. The charge termination state occurs at
the end of constant voltage mode. The charge status
changes state when charging is completed.
TOP OFF CHARGE MODE
Once the charger has completed a charge cycle, if
power remains applied, the LX2202 enters a Voltage
Monitoring mode. In this mode the LX2202 monitors the
battery terminal voltage and applies a top off charge if the
battery voltage drops by more than 3% of full scale. This
feature is especially important for charging systems in
equipment where usage is infrequent.
USB CHARGE MODE
The LX2202 is fully compliant with, and supports, the
USB specifications – the Low Power Peripheral (100mA)
and High Power Peripherals (500mA). VID1 logic input
selects USB charge currents.
The LX2202 senses the
current flowing from the USB terminal to the VDD
terminal; then it limits the USB current by reducing the
current flowing from VDD to VBAT.
DISCHARGE MODE
VID0 is used to enable discharge mode enable.
The
system load is connected to VDD. The input power is
connected to VDD through an external diode. When the
input power is removed, the battery current flows from
VBAT to VDD. The circuit of Figure 3 shows the LX2202
in a discharge mode configuration with both AC adapter
and USB inputs. The USB input is diode ORed to the
VDD pin and uses a MOSFET to reduce the diode drop
across the ORing diode. The LX2202 provides a signal
“PSW” to control the MOSFET for charge and discharge
modes. When both AC and USB power are applied the
PSW signal is overridden by the AC adapter diode and the
MOSFET is turned off
UNDER VOLTAGE LOCK OUT
The LX2202 has an under voltage lock-out feature that
monitors the VDD terminal and prevents the battery
charger from entering charge mode if the VDD terminal is
less than 3.6V (nominal).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com