Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LX1995-2CSG Datasheet(PDF) 4 Page - Microsemi Corporation

Part # LX1995-2CSG
Description  Miniature LED Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX1995-2CSG Datasheet(HTML) 4 Page - Microsemi Corporation

  LX1995-2CSG Datasheet HTML 1Page - Microsemi Corporation LX1995-2CSG Datasheet HTML 2Page - Microsemi Corporation LX1995-2CSG Datasheet HTML 3Page - Microsemi Corporation LX1995-2CSG Datasheet HTML 4Page - Microsemi Corporation LX1995-2CSG Datasheet HTML 5Page - Microsemi Corporation LX1995-2CSG Datasheet HTML 6Page - Microsemi Corporation LX1995-2CSG Datasheet HTML 7Page - Microsemi Corporation LX1995-2CSG Datasheet HTML 8Page - Microsemi Corporation LX1995-2CSG Datasheet HTML 9Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
LX1995
PRODUCTION DATA SHEET
Microsemi
Integrated Products Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 4
Miniature LED Driver
Copyright
© 2000
Rev. 1.1, 2005-07-07
TM
®
APPLI CATI ON CI RCUITS
LX1995
V
BAT = 2.0V to 5.0V
IN
SHDN
GND
FB
SW
L
1
10
µH
1206 Case Size
C
1
0.1
µF
R
1
15
Ω
100Hz to 1kHz
D
1
Figure 2 – Typical Bust Mode Dimming LED Driver Application
LX1995
V
BAT = 2.0V to 5.5V
IN
SHDN
GND
FB
SW
L
1
10
µH
1206 Case Size
C
1
0.1
µF
R
1
17.4
Ω
D
1
ON OFF
R
3
100k
Ω
R
2
17.4k
Ω
V
DC = 0V to 2.0V
I
LED = 0mA to 20mA
Figure 3 – Analog Voltage Dimming LED Driver Application
The component values shown are only examples for a working system. Actual values will vary greatly depending on
desired parameters, efficiency, and layout constraints.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com