Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LX6512ACD Datasheet(PDF) 2 Page - Microsemi Corporation

Part # LX6512ACD
Description  High Performance CCFL Controller
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX6512ACD Datasheet(HTML) 2 Page - Microsemi Corporation

  LX6512ACD Datasheet HTML 1Page - Microsemi Corporation LX6512ACD Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
LX6512A
PRODUCT BRIEF
Microsemi
Analog Mixed Signal Group
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 2
High Performance CCFL Controller
TM
®
Copyright
 2010
Rev. 1.0, 7/2/2010
A B S O L U T E M A X I M U M R A T I N G S
P A C K A G E P I N O U T
Supply Input Voltage (VDDP) ...........................................................................................-0.3V to 7V
Digital Inputs (ENABLE)................................................................................................ -0.3V to 5.5V
Analog Inputs (I_SNS, V_SNS) ............................................. +/- 14V. Max peak current +/-100mA
Analog Inputs ( BRITE_D, VIN_SNS, F_OSC, B_OSC) ............................................. -0.3V to 5.5V
Analog Outputs (EA_OUT,C_TO) ................................................................................. -0.3V to 5.5V
Analog Output (VDDA) ................................................................................................. -0.3V to 5.5V
Driver Outputs (AOL, AOH, BOL, BOH) ...................................................................... -0.3V to 5.5V
Maximum Operating Junction Temperature ................................................................................150
C
Storage Temperature Range.......................................................................................... -65
C to 150C
Lead Temperature (Soldering 10 seconds....................................................................................300
C
Package Peak Temp. for Solder Reflow (40 seconds maximum exposure)......................260°C (+0 -5)
Notes: Exceeding these ratings could cause damage to the device. All voltages are with respect to Ground.
Currents are positive into, negative out of specified terminal.
ENABLE
BRITE_D
B_OSC
F_OSC
VDDA
C_TO
EA_OUT
VIN_SNS
AOH
VDDP
AOL
GND
V_SNS
I_SNS
BOL
BOH
D PACKAGE
(Top View)
RoHS/Pb-free 100% matte Tin Finish
xxxx = date code / lot identifier



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com