Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LX6512CD Datasheet(PDF) 1 Page - Microsemi Corporation

Part # LX6512CD
Description  High Performance CCFL Controller
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX6512CD Datasheet(HTML) 1 Page - Microsemi Corporation

  LX6512CD Datasheet HTML 1Page - Microsemi Corporation LX6512CD Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LX6512
PRODUCTION DATA SHEET
Microsemi
Analog Mixed Signal Group
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 1
High Performance CCFL Controller
TM
®
Copyright
© 2007
Rev. 1.3, 10/22/2009
DESCRIPTION
KEY FEA T URES
• Full Bridge or Direct Drive Push
Pull Configurable
• Patented Striking Topology
• Low Stress to Transformers
• Wide Dimming Range
• Programmable Operating
Dimming Frequency
• Programmable Time Out
Protection
• Fixed Operating Frequency
• Open Lamp Voltage Protection,
Short Lamp Protection, Over
Voltage Protection
• Compatible with Existing
Transformers
APPLICA T IONS
Microsemi’s LX6512 is a cost effective,
Direct
Drive
CCFL
(Cold
Cathode
Fluorescent
Lamp)
controller.
The
integrated controller is optimized to drive
CCFL’s
(Cold
Cathode
Fluorescent
Lamps) using either resonant full bridge
inverter topology or push-pull Direct
Drive configurations.
Resonant full bridge topology provides
near sinusoidal waveforms over a wide
supply voltage range in order to maximize
the life of CCFL lamps, control EMI
emissions, and maximize efficiency. This
new architecture is also coupled with a
wide dimming range capability.
For fixed input supply applications the
LX6512 uses Direct Drive topology to
supply fixed frequency PWM signals
connected directly to the high voltage
transformer primary via a single pair of N-
FET drivers, providing a simple, low cost
inverter solution.
The LX6512 contains safety features
that
limit
the
transformer
secondary
voltage and protect against fault conditions
which include open lamp, broken lamp
and short-circuit faults. The over voltage
fault shutdown is disabled during a user
programmable interval to allow lamp
strike.
The controller can accept a brightness
control signal that is either an analog
voltage level, or a direct low frequency
PWM.
Utilizing this signal it provides
CCFL brightness dimming control using
digital
dimming,
to
achieve
a
wide
dimming range (> 60 to 1).
An integrated 4V LDO (Low Dropout
Regulator) powers all internal control
circuitry and up to 5mA for external
circuitry
greatly
simplifying
supply
voltage requirements.
The LX6512 is available in a 16-Pin
SOIC, TSSOP and 3x3 mm 16pin QFN.
• Note Book LCD displays
• Transportable Computers
• Web Tablet LCD displays
• Digital Picture Frame
• Monitor / TV Portable DVD Player
IMPORTANT: For the most current data, consult MICROSEMI’s website: http://www.microsemi.com
Protected by U.S. Patents: 5,615,093; 5,923,129; 5,930,121; 6,198,234; 7,112,929; Patents Pending
U1
LX6512CLQ
GND
11
VDDA
15
VDDP
14
F_OSC
2
BRITE_D
1
EA_OUT
6
ENA
4
BOH
12
AOH
13
V_SNS
7
C_TO
5
B_OSC
3
VIN_SNS
16
ISNS
8
AOL
10
BOL
9
R7
1M
CN1
CON8
1
2
3
4
5
6
7
8
T1
U2
1
2
3
4
5
6
7
8
R1
61.9K
C12
2.2nF
C11
2pF PCB
C5
3.9nF
CN2
CON2
1
2
F1
FUSE
C2
100nF
R4
374 Ohm
C3
1uF
C13
100nF
C14
100pF
VDDA
VDDA
C6
0.1uF
R5
115K
C4
1uF
C9
10uF
LOW COMPONENT COUNT REQUIREMENT FOR TOTAL SYSTEM SOLUTION
PACKAGE ORDER INFO
THERMAL DATA
D
Plastic SOIC 16-pin
θ
J
A = 82.2 °C/W
LQ
Plastic 3x3 mm QFN 16-pin
θ
J
A = 33.3°C/W
PW
Plastic TSSOP 16-pin
θ
J
A = 99 °C/W
TA (°C)
RoHS Compliant / Pb-free
THERMAL RESISTANCE
-JUNCTION TO AMBIENT
-20 to 85
LX6512CD, LX6512CLQ or LX6512CPW
Note: Available in Tape & Reel. Append the letters “TR” to the part number.
(i.e. LX6512CD-TR)
Junction Temperature Calculation: TJ = TA + (PD x θJA).
The
θ
JA numbers are guidelines for the thermal performance of the
device/pc-board system. All of the above assume no ambient airflow.


Similar Part No. - LX6512CD

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX6512 MICROSEMI-LX6512 Datasheet
101Kb / 2P
High Performance CCFL controller
LX6512A MICROSEMI-LX6512A Datasheet
86Kb / 2P
High Performance CCFL Controller
LX6512ACD MICROSEMI-LX6512ACD Datasheet
86Kb / 2P
High Performance CCFL Controller
LX6512ACD-TR MICROSEMI-LX6512ACD-TR Datasheet
86Kb / 2P
High Performance CCFL Controller
More results

Similar Description - LX6512CD

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX6501 MICROSEMI-LX6501 Datasheet
81Kb / 2P
TM High Performance Multi-Lamp CCFL Controller
LX1693 MICROSEMI-LX1693 Datasheet
92Kb / 2P
High Performance CCFL Controller w/ALS
LX1697 MICROSEMI-LX1697 Datasheet
70Kb / 2P
High Performance CCFL Controller
LX6512 MICROSEMI-LX6512 Datasheet
101Kb / 2P
High Performance CCFL controller
LX6503A MICROSEMI-LX6503A Datasheet
363Kb / 2P
High Performance CCFL Controller
LX6523A MICROSEMI-LX6523A Datasheet
387Kb / 2P
High Performance CCFL Controller
LX1699 MICROSEMI-LX1699 Datasheet
154Kb / 2P
High Performance CCFL Controller TM
LX6503 MICROSEMI-LX6503 Datasheet
124Kb / 2P
TM HIGH PERFORMANCE CCFL CONTROLLER
LX6523 MICROSEMI-LX6523 Datasheet
107Kb / 2P
TM HIGH PERFORMANCE CCFL CONTROLLER
LX6512A MICROSEMI-LX6512A Datasheet
86Kb / 2P
High Performance CCFL Controller
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com