Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IP1P125J Datasheet(PDF) 3 Page - Seme LAB

Part # IP1P125J
Description  REGULATING PULSE WIDTH MODULATORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

IP1P125J Datasheet(HTML) 3 Page - Seme LAB

  IP1P125J Datasheet HTML 1Page - Seme LAB IP1P125J Datasheet HTML 2Page - Seme LAB IP1P125J Datasheet HTML 3Page - Seme LAB IP1P125J Datasheet HTML 4Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Output Voltage
Line Regulation
Load Regulation
Temperature Stability note5
Total Output
Short Circuit Current
Output Noise Voltagenote5
Long Term Stability note5
Initial Accuracy
Voltage Stability
Temperature Stability note5
Minimum Frequency
Maximum Frequency
Current Mirror
Clock Amplitude
Clock Width
Sync Threshold
Sync Input Current
Input Offset Voltage
Input Bias Current
Input Offset Current
DC Open Loop Gain
Gain Bandwidth Product
TJ = 25°C
VIN = 8 to 35V
IL = 0 to 20mA
Over Operating Range
VIN = 8 to 35V,
IL = 0 to 20mA
VREF = 0
10 Hz
£ f £ 10kHz
VIN = 8 to 35V
Over Operating Range
RT = 200kW
CT = 0.1mF
RT = 2kW CT = 470pF RD = 0W
IRT = 2mA
Output, PIN 4, CT = 0.1mF
Output, PIN 4, CT = 0.1mF
Sync Voltage = 3.5V
Vcm = 1.5 to 5.2V
Vcm = 1.5 to 2.5V
Vcm = 1.5 to 5.2V
D V
0 = 1 to 3V ,R
L ³ 10 MW
note5
IP1P125
IP3P125
Prelim.5/00
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
IP1P125
IP3P125
Parameter
Test Conditions
Min.
Typ.
Max.
Min.
Typ.
Max.
Units
ELECTRICAL CHARACTERISTICS (TJ = Over Operating Temperature Range unless otherwise stated)
5.0
5.1
5.2
115
525
15
20
4.95
5.25
25
70
120
40
200
150
37.6
40
42.4
0.1
2
16
80
120
900
1.7
2.0
2.2
3.0
4.0
0.3
0.5
1.0
1.2
2.0
2.8
1.0
2.5
210
110
0.1
1
60
80
1
3.5
5.05
5.10
5.15
110
515
15
50
5.0
5.2
25
70
120
40
200
110
37.6
40
42.4
0.1
0.5
14
80
120
900
1.7
2.0
2.2
3.0
4.0
0.3
0.5
1.0
1.2
2.0
2.8
1.0
2.5
0.1
5
110
0.1
1
60
80
1
3.5
V
mV
mV
V
mA
mVrms
mV
kHr
kHz
%
Hz
kHz
mA
V
ms
V
mA
mV
mA
dB
MHz
REFERENCE SECTION
OSCILLATOR SECTION 2
ERROR AMPLIFIER SECTION 3



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com