Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IP1R17 Datasheet(PDF) 4 Page - Seme LAB

Part # IP1R17
Description  3 AMP FIXED NEGATIVE VOLTAGE REGULATORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

IP1R17 Datasheet(HTML) 4 Page - Seme LAB

  IP1R17 Datasheet HTML 1Page - Seme LAB IP1R17 Datasheet HTML 2Page - Seme LAB IP1R17 Datasheet HTML 3Page - Seme LAB IP1R17 Datasheet HTML 4Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
LAB
SEME
IP1R17A
IP3R17A
IP1R17A
IP3R17A
Semelab plc. Telephone (01455) 556565. Telex: 341927. Fax (01455) 552612.
Prelim. 4/96
IP1R17A–15
IP1R17–15
IP3R17A–15
IP3R17–15
Parameter
Test Conditions 2
Min.
Typ.
Max.
Min.
Typ.
Max. Units
VO
∆V
O
∆V
I
∆V
O
∆I
O
IQ
∆I
Q
VD
IPEAK
ISC
en
RθJC
Output Voltage
Line Regulation
Load Regulation
Quiescent Current
Quiescent Current
Change
Dropout Voltage
Ripple Rejection
Thermal Regulation
Peak Output Current
Short Circuit Current
Output Noise Voltage
Thermal Resistance
Junction to Case
IO = -5mA to -3A
POUT ≤ PMAX
VIN = -18V to -30V
TJ = Over Temp. Range 1
VIN = -17.5V to -35V
IO = -5mA 3
TJ = Over Temp. Range 1
IO = -5mA to -3A 3
TJ = Over Temp. Range 1
IO = -5mA
TJ = Over Temp. Range 1
IO = -5mA to -3A
TJ = Over Temp. Range 1
IO = -5mA
VIN = -17.5V to -35V
TJ = Over Temp. Range 1
IO = -3A
∆V
OUT = 300mV
TJ = Over Temp. Range 1
IO = -1A
f = 120Hz
TJ = Over Temp. Range 1
tp = 20ms
∆P = P
MAX
VIN = -20V
TJ = Over Temp. Range 1
VIN = -20V
VIN = -35V
f = 10Hz to 100kHz
K Package
G, T Package
-15.45
-15
-14.55
-15.75
-14.25
16
80
32
160
32
160
64
320
5
10
5
2.2
3
50
70
0.002
0.02
-6.5
-4.5
-2.3
-1
90
1.5
2.5
3
4
-15.15
-15
-14.85
-15.45
-14.55
8
40
16
80
16
80
32
160
5
10
5
2.2
3
50
70
0.002
0.01
-6.5
-4.5
-2.3
-1
90
1.5
2.5
3
4
V
V
mV
mV
mA
mA
V
dB
%/W
A
A
µV
°C/W
ELECTRICAL CHARACTERISTICS (T
J = 25°C unless otherwise stated)
Notes
1) Applies over full temperature range:–
TJ = –55 to +150°C for IP1R17A–15 / IP1R17–15
TJ =
0 to +125°C for IP3R17A–15 / IP3R17–15
All other specifications apply at TC = 25°C unless otherwise stated.
2) Test conditions unless otherwise stated:–
VIN = -20V , IOUT = -1.5A .
Although Power Dissipation is internally limited, these specifications apply for Power Dissipation up to 30W for the TO–3
Package, and 20W for the TO–220 and TO–257 Packages.
3) Load and Line regulation are electrically independent and are measured using pulse techniques at low duty cycle in order to
maintain constant junction temperature. To determine the effects on the output voltage due to device heating, refer to thermal
regulation specification.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com