Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IP5560 Datasheet(PDF) 5 Page - Seme LAB

Part # IP5560
Description  SWITCHED.MODE POWER SUPPLY CONTROL CIRCUIT
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

IP5560 Datasheet(HTML) 5 Page - Seme LAB

  IP5560 Datasheet HTML 1Page - Seme LAB IP5560 Datasheet HTML 2Page - Seme LAB IP5560 Datasheet HTML 3Page - Seme LAB IP5560 Datasheet HTML 4Page - Seme LAB IP5560 Datasheet HTML 5Page - Seme LAB IP5560 Datasheet HTML 6Page - Seme LAB IP5560 Datasheet HTML 7Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
IP5560C
IP5560C
Prelim. 4/95
Semelab plc. Telephone +44(0)1455) 556565. Fax +44(0)1455) 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
FREQUENCY (Hz)
-180
-150
-120
-90
-60
-30
0
1k
10k
100k
1M
10M
FREQUENCY (Hz)
1k
10k
100k
1M
10M
0
10
20
30
40
50
60
TYPICAL PERFORMANCE CHARACTERISTICS — ERROR AMPLIFIER
Open Loop Phase
Open Loop Gain
INPUT VOLTAGE
(V)
0
10
20
30
40
50
60
70
80
90
100
01
23
45
6
V
Pins 4,5
or 6
δ – ERROR AMP CLOSED LOOP GAIN
1
7
0
1020
30
4050
60
7080
90
0.1
R
1
R
S
= 20
R
S
= 100
R
1
R
S
= 500
R
1
(3.72V)
4
R1
V
REF
R
S
V
O
Transfer Curve of Pulse Width Modulator Duty
Cycle vs Input Voltage
Regulation vs Error Amp
Closed Loop Gain



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com