Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MS2209 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # MS2209
Description  RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MS2209 Datasheet(HTML) 1 Page - Microsemi Corporation

  MS2209 Datasheet HTML 1Page - Microsemi Corporation MS2209 Datasheet HTML 2Page - Microsemi Corporation MS2209 Datasheet HTML 3Page - Microsemi Corporation MS2209 Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MS2209
Microsemi reserves the right to change, without notice, the specifications and information contained herein.
Visit our web site at www.microsemi.com or contact our factory direct.
DESCRIPTION:
The MS2209 is a broadband, high peak pulse power silicon NPN
bipolar device specifically designed for avionics applications requiring
broad bandwidth with moderate duty cycles and pulse width
constraints such as ground/ship based DME/TACAN.
This device is also designed for specialized applications including
JTIDS applications when duty cycle is moderately higher. Gold
metallization and emitter ballasting assure high reliability under Class
C amplifier operation.
ABSOLUTE MAXIMUM RATINGS (Tcase = 25°C)
Symbol
Parameter
Value
Unit
VCC
Collector Supply Voltage
50
V
IC
Device Current
7.0
A
PDISS
Power Dissipation
220
W
TJ
Junction Temperature (RF Pulsed Operation)
+200
°C
TSTG
Storage Temperature
-65 to +200
°C
Thermal Data
RTH(J-C)
Junction-case Thermal Resistance
0.80
°C/W
Rev B- September 2008
Features
• 225 MHz BANDWIDTH
• COMMON BASE
• GOLD METALLIZATION
• CLASS C OPERATION
• POUT = 90 W MIN. WITH 8.4 dB GAIN
RF & MICROWAVE TRANSISTORS
AVIONICS APPLICATIONS


Similar Part No. - MS2209

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MS2209 MICROSEMI-MS2209 Datasheet
137Kb / 3P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATION
logo
Advanced Power Technolo...
MS2209 ADPOW-MS2209 Datasheet
445Kb / 4P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
MS2209 ADPOW-MS2209 Datasheet
445Kb / 4P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
More results

Similar Description - MS2209

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AM0608-450 STMICROELECTRONICS-AM0608-450 Datasheet
82Kb / 3P
AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
Aug-1992
AM80912-015 STMICROELECTRONICS-AM80912-015 Datasheet
94Kb / 6P
AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
Mar-1994
AM80912-085 STMICROELECTRONICS-AM80912-085 Datasheet
66Kb / 5P
AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
Aug-1992
MSC1000M STMICROELECTRONICS-MSC1000M Datasheet
100Kb / 5P
AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
Oct-1992
MSC81325M STMICROELECTRONICS-MSC81325M Datasheet
73Kb / 3P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
Oct-1992
MSC81400M STMICROELECTRONICS-MSC81400M Datasheet
65Kb / 3P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
Oct-1992
SD1540-08 STMICROELECTRONICS-SD1540-08 Datasheet
72Kb / 5P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
Nov-1992
logo
Advanced Power Technolo...
MS2290 ADPOW-MS2290 Datasheet
94Kb / 3P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
MS2554 ADPOW-MS2554 Datasheet
91Kb / 3P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
MSC1175M ADPOW-MSC1175M Datasheet
143Kb / 4P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com