Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP6KE160A Datasheet(PDF) 3 Page - Microsemi Corporation

Part # MP6KE160A
Description  600W Transient Voltage Suppressor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MP6KE160A Datasheet(HTML) 3 Page - Microsemi Corporation

  MP6KE160A Datasheet HTML 1Page - Microsemi Corporation MP6KE160A Datasheet HTML 2Page - Microsemi Corporation MP6KE160A Datasheet HTML 3Page - Microsemi Corporation MP6KE160A Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TECHNICAL DATA SHEET
Gort Road Business Park, Ennis, Co. Clare, Ireland.
6 Lake Street, Lawrence, MA 01841
Tel: +353 (0) 65 6840044, Fax: +353 (0) 65 6822298
Tel: 1-800-446-1158 / (978) 794-1666, Fax: (978) 6890803
Website: http://www.microsemi.com
___________________________________________________________________________________________________________________________________
RF01007 Rev A, June 2010
High Reliability Product Group
Page 3 of 4
ELECTRICAL CHARACTERISTICS @ 25oC
MICROSEMI
PART
NUMBER
BREAKDOWN VOLTAGE
VBR @ IBR
RATED
STANDOFF
VOLTAGE
VWM
MAX
STANDBY
CURRENT
ID @ VWM
MAX
CLAMPING
VOLTAGE
VC @ IPP
PEAK PULSE
CURRENT
(see Fig. 2)
IPP
TEMPERATURE
COEFFICIANT
of
VBR
αV(BR)
VMIN
VNOM
VMAX
mA
V
A
V
A
% /
°C
MP6KE6.8A
MP6KE7.5A
6.45
7.13
6.8
7.5
7.14
7.88
10
10
5.8
6.4
1000
500
10.5
11.3
57
53
.057
.061
MP6KE8.2A
MP6KE9.1A
7.79
8.65
8.2
9.1
8.61
9.55
10
1
7.02
7.78
200
50
12.1
13.4
50
45
.065
.068
MP6KE10A
MP6KE11A
9.5
10.5
10
11
10.5
11.6
1
1
8.55
9.4
10
5
14.5
15.6
41
38
.073
.075
MP6KE12A
MP6KE13A
11.4
12.4
12
13
12.6
13.7
1
1
10.2
11.1
5
5
16.7
18.2
36
33
.078
.081
MP6KE15A
MP6KE16A
14.3
15.2
15
16
15.8
16.8
1
1
12.8
13.6
1
1
21.2
22.5
28
27
.084
.086
MP6KE18A
MP6KE20A
17.1
19
18
20
18.9
21
1
1
15.3
17.1
1
1
25.2
27.7
24
22
.088
.090
MP6KE22A
MP6KE24A
20.9
22.8
22
24
23.1
25.2
1
1
18.8
20.5
1
1
30.6
33.2
20
18
.092
.094
MP6KE27A
MP6KE30A
25.7
28.5
27
30
28.4
31.5
1
1
23.1
25.6
1
1
37.5
41.4
16
14.4
.096
.097
MP6KE33A
MP6KE36A
31.4
34.2
33
36
34.7
37.8
1
1
28.2
30.8
1
1
45.7
49.9
13.2
12
.098
.099
MP6KE39A
MP6KE43A
37.1
40.9
39
43
41
45.2
1
1
33.3
36.8
1
1
53.9
59.3
11.2
10.1
.100
.101
MP6KE47A
MP6KE51A
44.7
48.5
47
51
49.4
53.6
1
1
40.2
43.6
1
1
64.8
70.1
9.3
8.6
.101
.102
MP6KE56A
MP6KE62A
53.2
58.9
56
62
58.8
65.1
1
1
47.8
53
1
1
77
85
7.8
7.1
.103
.104
MP6KE68A
MP6KE75A
64.6
71.3
68
75
71.4
78.8
1
1
58.1
64.1
1
1
92
103
6.5
5.8
.104
.105
MP6KE82A
MP6KE91A
77.9
86.5
82
91
86.1
95.5
1
1
70.1
77.8
1
1
113
125
5.3
4.8
.105
.106
MP6KE100A
MP6KE110A
95
105
100
110
105
116
1
1
85.5
94
1
1
137
152
4.4
3.4
.106
.107
MP6KE120A
MP6KE130A
114
124
120
130
126
137
1
1
102
111
1
1
165
179
3.6
3.3
.107
.107
MP6KE150A
MP6KE160A
143
152
150
160
158
168
1
1
128
136
1
1
207
219
2.9
2.7
.108
.108
MP6KE170A
MP6KE180A
161
171
170
180
179
189
1
1
145
154
1
1
234
246
2.6
2.4
.108
.108
MP6KE200A
190
200
210
1
171
1
274
2.2
.108
NOTE 1: Consult factory for higher voltages.
NOTE 2: For bidirectional construction, indicate a CA suffix after part number, i.e. MP6KE200CA. Bidirectional capacitance is
half that shown in Figure 4 at zero volts.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com