| Electronic Components Datasheet Search |
|
PD67124S Datasheet(PDF) 12 Page - Microsemi Corporation |
|
|
|||||||||||||||||||||||||||||
PD67124S Datasheet(HTML) 12 Page - Microsemi Corporation |
|
12 / 14 page ![]() PD671xxx - 8 / 12 / 24-Channel PoE AF and AT DIMM Data Sheet (Non-confidential) Copyright © 2009 Microsemi Page 11 Rev. 1.0 / 17-March-10 Analog Mixed Signal Group 2381 Morse Avenue, Irvine, CA 92614, USA; Within the USA: (800) 713-4113, Outside the USA: (949) 221-7100 Fax: (949) 756-0308 PD69012 Circuitry All PD69012s work in slave mode, under control of the PD69000G. The PoE Managers, each controlling 12 output ports, are further detailed in Figure 8. The ports can be disabled by the Ethernet switch via the xDisable_Ports signal or by the PoE controller, as required during operation. For further details on the PoE manager, refer to the PoE manager PD69012 Data Sheet, Catalogue Number 06-0072-058. AC Disconnect Diodes When deploying an application that utilizes the AC disconnect method, carefully select the diode type and diode location on the mother board. The diode should be located away from the DIMM to prevent mutual heating and the ventilation should be doubled to deal with higher power dissipation. The AC disconnect diode should be connected as shown in Figure 9. DC Disconnect Using the DC disconnect method, the mother board should contain a short circuit between Vmain coming from the power supply and Port_P[0-23] as illustrated in Figure 10. PD671xxx DIMM Evaluation Board __________________ The performance features of Microsemi’s PoE DIMMs can be fully appreciated using the PD671xxx - DIMM Evaluation Board. The Evaluation Board allows the designer to evaluate all of the DIMMs accessible functions. Enhanced mode configuration for up to 48 ports is supported. Applications_______________ The DIMMs can be integrated into a number of applications, ranging from daughter boards to full integration into Ethernet switches. Examples of such applications are as follows: Integrated directly into a switch : Facilitates the entire PoE concept by including the DIMMs on the main switch PCB. Daughter board add-on : DIMMs are integrated into a small PCB for PoE, mounted on top of the switch’s main PCB. Midspan units : Stand-alone devices, installed between the Ethernet switch and powered devices (telephone, camera, wireless LAN, etc.). These Midspan units include the DIMMs as a PoE control element, injecting power over the communication lines. Figure 9: Overall PD671xxx DIMM at AC Disconnect Wiring Diagram Figure 10: Overall PD671xxx DIMM at DC Disconnect Wiring Diagram |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |