Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD67112MAC-GGGG Datasheet(PDF) 4 Page - Microsemi Corporation

Part # PD67112MAC-GGGG
Description  24-Channel PoE AF and AT DIMM
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

PD67112MAC-GGGG Datasheet(HTML) 4 Page - Microsemi Corporation

  PD67112MAC-GGGG Datasheet HTML 1Page - Microsemi Corporation PD67112MAC-GGGG Datasheet HTML 2Page - Microsemi Corporation PD67112MAC-GGGG Datasheet HTML 3Page - Microsemi Corporation PD67112MAC-GGGG Datasheet HTML 4Page - Microsemi Corporation PD67112MAC-GGGG Datasheet HTML 5Page - Microsemi Corporation PD67112MAC-GGGG Datasheet HTML 6Page - Microsemi Corporation PD67112MAC-GGGG Datasheet HTML 7Page - Microsemi Corporation PD67112MAC-GGGG Datasheet HTML 8Page - Microsemi Corporation PD67112MAC-GGGG Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
PD671xxx - 8 / 12 / 24-Channel PoE AF and AT DIMM
Data Sheet (Non-confidential)
Copyright © 2009
Microsemi
Page 4
Rev. 1.0 / 17-March-10
Analog Mixed Signal Group
2381 Morse Avenue, Irvine, CA 92614, USA; Within the USA: (800) 713-4113, Outside the USA: (949) 221-7100 Fax: (949) 756-0308
OPER ATIN G CONDITION S
PARAMETER
MIN.
NOM.
MAX.
UNIT
Operating ambient temperature
-10
+70
°C
Operating voltage (see Figure 2)
40 to 44
44 to 55
55 to 57
VDC
Operating humidity (non-condensing, Per IEC 68-2-56)
95
%
Notes
:
Operating functions depend on the input voltage.
Operating voltage range for IEEE802.3AF is 44 to 57 VDC
Operating voltage range for IEEE802.3AT (High Power) is 50 to 57 VDC
Figure 2: Operational voltage Ranges
Airflow
To prevent overheating, the application designer should supply a minimal airflow to the PD671xxx DIMMs.
Figure 3 shows the power handling capability versus air velocities in meter/second, as measured at all points of
the DIMM envelope, prior to insertion into the connector(s). As shown in Figure 12, the connectors are spaced
by 35 mm; 1 m/s = 197 LFM (linear feet per minute). Maximum allowed temperature is +85° C for the MCU
(PD69000) and +125° C for the PD69012.
Air flow
0
5
10
15
20
25
30
35
0
5 10 15 20 25 30 35 40 45 50 55 60 65 70 75 80
Ambient temperature
0m/S
0.5m/S
1m/S
Figure 3: Power per Port for two DIMMs (48 ports)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com