Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCG3019 Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SCG3019
Description  N-Channel Enhancement MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SCG3019 Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SCG3019 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SCG3019 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SCG3019 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SCG3019 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SCG3019
N-Channel Enhancement MOSFET
Elektronische Bauelemente
04-May-2010 Rev. A
Page 2 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise specified)
CHARACTERISTICS
SYMBOL
MIN
TYP
MAX
UNIT
TEST CONDITIONS
Off Characteristics
Drain-Source Breakdown Voltage
BVDSS
30
-
-
V
VGS = 0V, ID = 10μA
Zero Gate Voltage Drain Current
IDSS
-
-
1
μA
VDS = 30V, VGS = 0V
Gate-Source Leakage
IGSS
-
-
±1
μA
VGS= ±20V, VDS=0V
Gate Threshold Voltage
VGS(th)
0.8
-
1.5
V
VDS= 3V, ID=100μA
Static Drain-Source On Resistance
RDS(ON)
-
-
8
Ω
VGS= 4V, ID = 10mA
-
-
13
VGS= 2.5V, ID = 1mA
Forward transfer admittance
gfs
20
-
-
mS
VDS= 3V, ID = 10mA
Dynamic Characteristics
Input Capacitance
Ciss
-
13
-
pF
VDS= 5V, VGS= 0V, f= 1MHz
Output Capacitance
Coss
-
9
-
Reverse Transfer Capacitance
Crss
-
4
-
Switching Characteristics
Turn-On Delay Time
Td(ON)
-
15
-
nS
VGS= 5V, VDD= 5V, ID= 10mA,
RG= 10Ω, RL= 500Ω
Rise Time
Tr
-
35
-
Turn-Off Delay Time
Td(OFF)
-
80
-
Fall Time
Tf
-
80
-



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com