Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PLAD30KP22A Datasheet(PDF) 1 Page - Microsemi Corporation

Part # PLAD30KP22A
Description  30kW Surface Mount Transient Voltage Suppressor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

PLAD30KP22A Datasheet(HTML) 1 Page - Microsemi Corporation

  PLAD30KP22A Datasheet HTML 1Page - Microsemi Corporation PLAD30KP22A Datasheet HTML 2Page - Microsemi Corporation PLAD30KP22A Datasheet HTML 3Page - Microsemi Corporation PLAD30KP22A Datasheet HTML 4Page - Microsemi Corporation PLAD30KP22A Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
30kW Surface Mount Transient
Voltage Suppressor
S C O T TS DALE DIVISION
PLAD30KP10 thru PLAD30KP400CA, e3
DESCRIPTION
APPEARANCE
These Microsemi 30 kW Transient Voltage Suppressors (TVSs)
are designed for applications requiring protection of voltage-
sensitive electronic devices that may be damaged by harsh or
severe voltage transients including lightning per IEC61000-4-5
and class levels with various source impedances described
herein.
This series is available in 10 to 400 volt Standoff
Voltages (VWM) in both unidirectional and bi-directional with either
5% or 10% tolerances of the Breakdown Voltage (VBR).
Microsemi also offers numerous other TVS products to meet
higher or lower power demands and special applications.
IMPORTANT: For the most current data, consult MICROSEMI’s website: http://www.microsemi.com
FEATURES
APPLICATIONS / BENEFITS
• Available in both Unidirectional and Bidirectional
construction (Bidirectional with C or CA suffix)
• Selections for 10 to 400 volt Standoff Voltages VWM
• Suppresses transients up to 30 kW @ 10/1000 µs and 200
kW @ 8/20 µs (see Figure 1)
• Fast response
• Optional 100% screening for avionics grade is available
by adding MA prefix to part number for added 100%
temperature cycle -55
oC to +125oC (10X) as well as surge
(3X) and 24 hours HTRB with post test VZ & IR (in the
operating direction for unidirectional or both directions for
bidirectional)
• Options for screening in accordance with MIL-PRF-19500
for JAN, JANTX, and JANTXV are available by adding MQ,
MX, or MV prefixes respectively to part numbers.
•
Moisture classification is Level 1 with no dry pack required
per IPC/JEDEC J-STD-020B
•
RoHS Compliant devices available by adding an “e3” suffix
• Protection from switching transients and induced RF
• Protection from ESD, and EFT per IEC 61000-4-2 and
IEC 61000-4-4
• Secondary lightning protection per IEC61000-4-5 with
42 Ohms source impedance:
Class 1,2,3,4: PLAD30KP10 - PLAD30KP400A or CA
Class 5: PLAD30KP10 - PLAD30KP400A or CA (short
distance)
Class 5: PLAD30KP10 - PLAD30KP220A or CA (long
distance)
• Secondary lightning protection per IEC61000-4-5 with
12 Ohms source impedance:
Class 1,2, 3: PLAD30KP10 to PLAD30KP400A or CA
Class 4: PLAD30KP10 to PLAD30KP220A or CA
• Secondary lightning protection per IEC61000-4-5 with 2
Ohms source impedance:
Class 2: PLAD30KP10 to PLAD30KP400A or CA
Class 3: PLAD30KP10 to PLAD30KP220A or CA
Class 4: PLAD30KP10 to PLAD30KP110A or CA
MAXIMUM RATINGS
MECHANICAL AND PACKAGING
• Peak Pulse Power dissipation at 25ºC: 30,000 watts at
10/1000 μs (also see Figures 1 and 2)
• Impulse repetition rate (duty factor): 0.05%
• tclamping (0 volts to V(BR) min.): < 100 ps theoretical for
unidirectional and < 5 ns for bidirectional
• Operating & Storage temperature: -65ºC to +150ºC
• Thermal resistance: 0.5ºC/W junction to case, or 50ºC/W
junction to ambient when mounted on FR4 PC board with
recommended mounting pad with 1 oz Cu (see last page)
• Steady-State Power dissipation: 250 watts at Tc = 25oC,
or 2.5 watts at TA = 25
ºC when mounted on FR4 PC
board as described for thermal resistance above
• Forward Surge: 1500 Amps (theoretical) at 8.3 ms half-
sine wave for unidirectional devices only
• Solder temperatures: 260 ºC for 10 s (maximum)
• CASE: Void-free transfer molded thermosetting
epoxy body meeting UL94V-0
• FINISH: Tin-Lead or RoHS Compliant annealed
matte-Tin plating readily solderable per MIL-
STD-750, method 2026
• MARKING: Body marked with part number
• POLARITY: For unidirectional devices, the
cathode is on the metal backside (package
bottom)
• WEIGHT: 1.7-2.0 grams (approximate)
• TAPE & REEL option: Standard per EIA-296
for axial package (add “TR” suffix to part
number)
• See package dimension on last page
Microsemi
Scottsdale Division
Page 1
Copyright
© 2007
9-12-2007 Rev G
8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503


Similar Part No. - PLAD30KP22A

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
PLAD10J TSC-PLAD10J Datasheet
464Kb / 5P
10A, 600V Low VF Surface Mount Rectifier
Version: A2412
PLAD10JH TSC-PLAD10JH Datasheet
466Kb / 5P
10A, 600V Low VF Surface Mount Rectifier
Version: A2412
More results

Similar Description - PLAD30KP22A

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
30KP70CA MICROSEMI-30KP70CA Datasheet
188Kb / 3P
30kW Transient Voltage Suppressor
logo
TAITRON Components Inco...
30KPA28A TAITRON-30KPA28A Datasheet
212Kb / 6P
30KW Transient Voltage Suppressor
logo
Digitron Semiconductors
30KP22 DIGITRON-30KP22 Datasheet
152Kb / 4P
30kW TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
SMDJ5.0 DIOTECH-SMDJ5.0 Datasheet
935Kb / 3P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
1.5SMC DIOTECH-1.5SMC Datasheet
1Mb / 3P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Digitron Semiconductors
30KP22 DIGITRON-30KP22_16 Datasheet
210Kb / 5P
30kW TRANSIENT VOLTAGE SUPPRESSOR
logo
Microdiode Semiconducto...
SMBJ5.0 CHENDA-SMBJ5.0 Datasheet
2Mb / 5P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Shanghai Leiditech Elec...
30KP LEIDITECH-30KP Datasheet
790Kb / 5P
30KW Transient Voltage Suppressor
logo
SAMYANG ELECTRONICS CO....
SMF SAMYANG-SMF Datasheet
1Mb / 4P
Surface Mount Transient Voltage Suppressor
logo
Alpha & Omega Semicondu...
SMAJ5.0A AOSMD-SMAJ5.0A Datasheet
713Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Rev.1.2 July 2021
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com