Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PLAD30KP28 Datasheet(PDF) 3 Page - Microsemi Corporation

Part # PLAD30KP28
Description  30kW Surface Mount Transient Voltage Suppressor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

PLAD30KP28 Datasheet(HTML) 3 Page - Microsemi Corporation

  PLAD30KP28 Datasheet HTML 1Page - Microsemi Corporation PLAD30KP28 Datasheet HTML 2Page - Microsemi Corporation PLAD30KP28 Datasheet HTML 3Page - Microsemi Corporation PLAD30KP28 Datasheet HTML 4Page - Microsemi Corporation PLAD30KP28 Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
30kW Surface Mount Transient
Voltage Suppressor
S C O T TS DALE DIVISION
PLAD30KP10 thru PLAD30KP400CA, e3
MICROSEMI
PART NUMBER
(Note 2)
REVERSE
STAND-
OFF
VOLTAGE
VWM
(Note 1)
VOLTS
BREAKDOWN
VOLTAGE
V(BR)
V(BR)
@
I(BR)
VOLTS
mA
MAXIMUM
CLAMPING
VOLTAGE
VC
@ IPP
VOLTS
MAXIMUM
STANDBY
CURRENT
ID
@ VWM
μA
MAXIMUM
PEAK PULSE
CURRENT
IPP (FIG. 3)
A
MAXIMUM
TEMPERATURE
COEFFICIENT
OF V(BR)
αV(BR)
mV/ ºC
PLAD30KP70
PLAD30KP70A
PLAD30KP75
PLAD30KP75A
70
70
75
75
77.8 – 95.1
77.8 – 86.0
83.3 – 102.0
83.3 – 92.1
5
5
5
5
125
113
134
121
10
10
10
10
240
264
222
246
93
84
100
90
PLAD30KP78
PLAD30KP78A
PLAD30KP85
PLAD30KP85A
78
78
85
85
86.7 – 106.0
86.7 – 95.8
94.4 – 115.0
94.4 – 104.0
5
5
5
5
139
126
151
137
10
10
10
10
216
240
198
216
104
95
115
104
PLAD30KP90
PLAD30KP90A
PLAD30KP100
PLAD30KP100A
90
90
100
100
100 – 122
100 – 111
111 – 136
111 – 123
5
5
5
5
160
146
179
162
10
10
10
10
186
204
168
186
120
109
134
122
PLAD30KP110
PLAD30KP110A
PLAD30KP120
PLAD30KP120A
110
110
120
120
122 – 149
122 – 135
133 – 163
133 – 147
5
5
5
5
196
177
214
193
10
10
10
10
156
168
140
156
147
132
161
145
PLAD30KP130
PLAD30KP130A
PLAD30KP150
PLAD30KP150A
130
130
150
150
144 – 176
144 – 159
167 – 204
167 – 185
5
5
5
5
231
209
268
243
10
10
10
10
130
142
112
124
174
157
202
183
PLAD30KP160
PLAD30KP160A
PLAD30KP170
PLAD30KP170A
160
160
170
170
178 – 218
178 – 197
189 – 231
189 – 209
5
5
5
5
287
259
304
275
10
10
10
10
104
116
98
110
216
195
229
207
PLAD30KP180
PLAD30KP180A
PLAD30KP200
PLAD30KP200A
180
180
200
200
200 – 244
200 – 221
222 – 271
222 – 245
5
5
5
5
321
291
356
322
10
10
10
10
94
104
84
94
242
219
269
243
PLAD30KP220
PLAD30KP220A
PLAD30KP250
PLAD30KP260A
220
220
250
260
245 – 299
245 – 271
278 – 308
289 – 320
5
5
5
5
293
356
403
419
10
10
10
10
76
84
74
71
297
269
306
318
PLAD30KP280A
PLAD30KP300A
PLAD30KP350A
PLAD30KP400A
280
300
350
400
311 – 345
333 – 369
389 – 431
444 - 492
5
5
5
5
451
483
564
644
10
10
10
10
66
62
53
46
344
368
430
490
NOTE 1: Transient Voltage Suppressors are normally selected with reverse “Stand Off Voltage” VWM which should
be equal to or greater than the dc or continuous peak operating voltage level.
NOTE 2: For bidirectional construction, indicate a C or CA suffix after the part number.
SYMBOLS & DEFINITIONS
Symbol
Definition
Symbol
Definition
VWM
Working Peak (Standoff) Voltage
IPP
Peak Pulse Current
PPP
Peak Pulse Power
VC
Clamping Voltage
V(BR)
Breakdown Voltage
I(BR)
Breakdown Current for V(BR)
ID
Standby Current
Microsemi
Scottsdale Division
Page 3
Copyright
© 2007
9-12-2007 Rev G
8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com