Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM0502 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # SM0502
Description  CONTROL DEVICES Surface Mount-Melf pin diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

SM0502 Datasheet(HTML) 2 Page - Microsemi Corporation

  SM0502_09 Datasheet HTML 1Page - Microsemi Corporation SM0502_09 Datasheet HTML 2Page - Microsemi Corporation SM0502_09 Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SM0502 – SM1003
Microsemi
Microwave Products
75 Technology Drive, Lowell, MA. 01851, 978-442-5600, Fax: 978-937-3748
Page 2
TM
®
Copyright
 2007
Rev: 2009-02-25
RoHS Compliant Versions
CONTROL DEVICES
Surface Mount – MELF PIN Diodes
ELECTRICAL PARAMETERS @ 25
C (unless otherwise specified)
Model Number
Vb(V)
IR=10μA
(Min)
CT(pF)
1
@50V
(Max)
Rs(Ω)
2
@100 mA
(Max)
Rs(Ω)
2
@200 mA
(Typ)
TL(uS)
.
(Typ)
P (˚C/W)
THERMAL
RESISTANCE
(Max)
SM0502 – M1
500
0.5
0.7
0.55
1.0
35
SM0504 – M1
500
0.6
0.6
0.45
1.5
20
SM0508 – M1
500
0.9
0.4
0.25
2.0
15
SM0509 – M1
500
1.2
0.35
0.2
2.5
15
SM0511 – M1
500
1.25
0.3
0.15
3.0
15
SM0512 – M1
500
1.5
0.25
0.12
3.5
15
SM1002 – M1
50
1.2
0.75@50mA
0.2
4.0
15
SM1003 – M1
35
1.2 @20V
0.5@10mA
0.1
0.6
25
Notes:
1-
Capacitance (CT) is measured at F = 1 MHz
2-
Series Resistance (RS) is measured at F = 100 MHz
RoHS and MRI Models
Base Model
RoHS Compliant PN
Non-Mag. / RoHS PN
SM0502 – M1
SMX0502 – M1
SMX0502MR – M1
SM0504 – M1
SMX0504 – M1
SMX0504MR – M1
SM0508 – M1
SMX0508 – M1
SMX0508MR – M1
SM0509 – M1
SMX0509 – M1
SMX0509MR – M1
SM0511 – M1
SMX0511 – M1
SMX0511MR – M1
SM0512 – M1
SMX0512 – M1
SMX0512MR – M1
SM1002 – M1
SMX1002 – M1
SMX1002MR – M1
SM1003 – M1
SMX1003 – M1
SMX1003MR – M1



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com